Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1937 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1937
Description  Four ADCs/Eight DACs with PLL, 192 kHz, 24-Bit Codec
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1937 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1937 Datasheet HTML 13Page - Analog Devices AD1937 Datasheet HTML 14Page - Analog Devices AD1937 Datasheet HTML 15Page - Analog Devices AD1937 Datasheet HTML 16Page - Analog Devices AD1937 Datasheet HTML 17Page - Analog Devices AD1937 Datasheet HTML 18Page - Analog Devices AD1937 Datasheet HTML 19Page - Analog Devices AD1937 Datasheet HTML 20Page - Analog Devices AD1937 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD1937
Rev. 0 | Page 17 of 36
ACK. BY
MASTER (AM)
STOP BY
MASTER (P)
SCK
(CONTINUED)
D7
D6
D5
D4
D3
D2
D1
D0
SDA
(CONTINUED)
FRAME 3
DATA BYTE TO AD1937
SCK
SDA
START BY
MASTER (S)
ACK. BY
AD1937 (AS)
ACK. BY
MASTER (AM)
000
0
1
ADDR1 ADDR0
R/W
0
00
00
0
1
1
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
Figure 13. I2C Write Format
D7
D6
D5
D4
D3
D2
D1
D0
SDA
(CONTINUED)
SCL
(CONTINUED)
SCK
SDA
START BY
MASTER (S)
ACK. BY
AD1937 (AS)
ACK. BY
AD1937 (AS)
0
000
1
ADDR1 ADDR0
R/W
0
00
00
0
1
1
FRAME 1
CHIP ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
REPEATED START
BY MASTER (S)
ACK. BY
AD1937 (AS)
ACK. BY
MASTER (AM)
STOP BY
MASTER (P)
FRAME 3
CHIP ADDRESS BYTE
FRAME 4
REGISTER DATA
0
000
1
ADDR1 ADDR0
R/W
Figure 14. I2C Read Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com