Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56724 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56724
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56724 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56724 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56724 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Symphony™ DSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
4
1
Electrical Characteristics
1.1
Chip-Level Conditions
Table 1 provides a quick reference to the subsections in this section.
1.1.1
Maximum Ratings
NOTE
In the calculation of timing requirements, adding a maximum value of one specification to
a minimum value of another specification does not yield a reasonable sum. A maximum
specification is calculated using a worst case variation of process parameter values in one
direction. The minimum specification is calculated using the worst case for the same
parameters in the opposite direction. Therefore, a “maximum” value for a specification will
never occur in the same device that has a “minimum” value for another specification;
adding a maximum to a minimum represents a condition that can never exist.
Table 1. Chip-Level Conditions
For
See
Section 1.1.1, “Maximum Ratings”
on page 4
Section 1.1.2, “Thermal Characteristics”
on page 6
Section 1.1.3, “Power Requirements”
on page 6
Section 1.1.4, “DC Electrical Characteristics”
on page 7
Section 1.1.5, “AC Electrical Characteristics”
on page 8
Section 1.1.6, “Internal Clocks”
on page 8
Section 1.1.7, “External Clock Operation”
on page 9
Section 1.1.8, “Reset, Stop, Mode Select, and Interrupt Timing”
on page 10
CAUTION
This device contains circuitry protecting against damage due to high
static voltage or electrical fields. However, normal precautions
should be taken to avoid exceeding maximum voltage ratings.
Reliability of operation is enhanced if unused inputs are pulled to an
appropriate logic voltage level (for example, either GND or VDD).
The suggested value for a pull-up or pull-down resistor is 4.7 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com