Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7699
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices AD7699 Datasheet HTML 18Page - Analog Devices AD7699 Datasheet HTML 19Page - Analog Devices AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7682/AD7689
Rev. 0 | Page 20 of 28
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
=
−
2
3dB
2
)
(
f
2
π
35
35
log
20
N
LOSS
Ne
SNR
where:
f–3dB is the input bandwidth in megahertz of the AD7682/AD7689
(1.7 MHz in full BW or 425 kHz in ¼ BW) or is the cutoff
frequency of an input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in nV/√Hz.
•
For ac applications, the driver should have a THD
performance commensurate with the AD7682/AD7689.
Figure 18 shows THD vs. frequency for the
AD7682/AD7689.
•
For multichannel, multiplexed applications on each input
or input pair, the driver amplifier and the AD7682/
AD7689 analog input circuit must settle a full-scale step
onto the capacitor array at a 16-bit level (0.0015%). In the
amplifier data sheet, settling at 0.1% to 0.01% is more
commonly specified. This may differ significantly from the
settling time at a 16-bit level and should be verified prior to
driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841-x
Very low noise, small, and low power
AD8655
5 V single supply, low noise
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8605, AD8615
5 V single supply, low power
VOLTAGE REFERENCE OUTPUT/INPUT
The AD7682/AD7689 allow the choice of a very low temper-
ature drift internal voltage reference, an external reference, or an
external buffered reference.
The internal reference of the AD7682/AD7689 provide excel-
lent performance and can be used in almost all applications.
There are six possible choices of voltage reference schemes
briefly described in Table 9 with more details in each of the
following sections.
Internal Reference/Temperature Sensor
The internal reference can be set for either 2.5 V or a 4.096 V
output as detailed in Table 9. With the internal reference
enabled, the band gap voltage is also present on the REFIN pin,
which requires an external 0.1 μF capacitor. Because the current
output of REFIN is limited, it can be used as a source if followed
by a suitable buffer, such as the AD8605.
Enabling the reference also enables the internal temperature
sensor, which measures the internal temperature of the
AD7682/AD7689 and is thus useful for performing a system
calibration. Note that, when using the temperature sensor, the
output is straight binary referenced from the AD7682/AD7689
GND pin.
The internal reference is temperature-compensated to within
15 mV. The reference is trimmed to provide a typical drift of
3 ppm/°C.
External Reference and Internal Buffer
For improved drift performance, an external reference can be
used with the internal buffer. The external reference is con-
nected to REFIN, and the output is produced on the REF pin.
An external reference can be used with the internal buffer with
or without the temperature sensor enabled. Refer to Table 9 for
the register details. With the buffer enabled, the gain is unity and is
limited to an input/output of 4.096 V.
The internal reference buffer is useful in multiconverter appli-
cations because a buffer is typically required in these applications.
In addition, a low power reference can be used because the
internal buffer provides the necessary performance to drive the
SAR architecture of the AD7682/AD7689.
External Reference
In any of the six voltage reference schemes, an external
reference can be connected directly on the REF pin because the
output impedance of REF is >5 kΩ. To reduce power
consumption, the reference and buffer can be powered down
independently or together for the lowest power consumption.
However, for applications requiring the use of the temperature
sensor, the reference must be active. Refer to Table 9 for register
details. For improved drift performance, an external reference
such as the ADR43x or ADR44x is recommended.
Reference Decoupling
Whether using an internal or external reference, the AD7682/
AD7689 voltage reference output/input, REF, has a dynamic
input impedance and should therefore be driven by a low
impedance source with efficient decoupling between the REF
and GND pins. This decoupling depends on the choice of the
voltage reference but usually consists of a low ESR capacitor
connected to REF and GND with minimum parasitic inductance.
A 10 μF (X5R, 1206 size) ceramic chip capacitor is appropriate
when using the internal reference, the ADR43x/ADR44x
external reference, or a low impedance buffer such as the
AD8031 or the AD8605.
The placement of the reference decoupling capacitor is also
important to the performance of the AD7682/AD7689, as
explained in the Layout section. The decoupling capacitor should
be mounted on the same side as the ADC at the REF pin with a
thick PCB trace. The GND should also connect to the reference
decoupling capacitor with the shortest distance and to the
analog ground plane with several vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com