Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7699
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7699 Datasheet HTML 20Page - Analog Devices AD7699 Datasheet HTML 21Page - Analog Devices AD7699 Datasheet HTML 22Page - Analog Devices AD7699 Datasheet HTML 23Page - Analog Devices AD7699 Datasheet HTML 24Page - Analog Devices AD7699 Datasheet HTML 25Page - Analog Devices AD7699 Datasheet HTML 26Page - Analog Devices AD7699 Datasheet HTML 27Page - Analog Devices AD7699 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7682/AD7689
Rev. 0 | Page 24 of 28
READ/WRITE SPANNING CONVERSION WITHOUT
A BUSY INDICATOR
This mode is used when the AD7682/AD7689 are connected to
any host using an SPI, serial port, or FPGA. The connection
diagram is shown in Figure 34, and the corresponding timing is
given in Figure 35. For SPI, the host should use CPHA = CPOL
= 0. Reading/writing spanning conversion is shown, which
covers all three modes detailed in the Digital Interface section.
A rising edge on CNV initiates a conversion, forces SDO to
high impedance, and ignores data present on DIN. After a
conversion is initiated, it continues until completion
irrespective of the state of CNV. CNV must be returned high
before the safe data transfer time, tDATA, and then held high
beyond the conversion time, tCONV, to avoid generation of the
busy signal indicator.
After the conversion is complete, the AD7682/AD7689 enter
the acquisition phase and power down. When the host brings
CNV low after tCONV (max), the MSB is enabled on SDO. The
host also must enable the MSB of CFG at this time (if necessary)
to begin the CFG update. While CNV is low, both a CFG
update and a data readback take place. The first 14 SCK rising
edges are used to update the CFG, and the first 15 SCK falling
edges clock out the conversion results starting with MSB − 1.
The restriction for both configuring and reading is that they
both occur before the tDATA time of the next conversion elapses.
All 14 bits of CFG[13:0] must be written, or they are ignored. In
addition, if the 16-bit conversion result is not read back before
tDATA elapses, it is lost.
The SDO data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate, provided it has an
acceptable hold time. After the 16th (or 30th) SCK falling edge, or
when CNV goes high (whichever occurs first), SDO returns to
high impedance. If CFG readback is enabled, the CFG associ-
ated with the conversion result (n − 1) is read back MSB first
following the LSB of the conversion result. A total of 30 SCK
falling edges is required to return SDO to high impedance if
this is enabled.
MISO
MOSI
SCK
SS
CNV
FOR SPI USE CPHA = 0, CPOL = 0.
SCK
SDO
DIN
AD7682/
AD7689
DIGITAL HOST
Figure 34. Connection Diagram for the AD7682/AD7689 Without a Busy Indicator
UPDATE (n)
CFG/SDO
UPDATE (n + 1)
CFG/SDO
ACQUISITION (n)
ACQUISITION
(n + 1)
ACQUISITION
(n - 1)
MSB MSB – 1
1
2
BEGIN DATA (n – 1)
BEGIN CFG (n + 1)
CFG
MSB
CFG
MSB – 1
LSB + 1
14
15
SEE NOTE
SEE NOTE
NOTES:
1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF
15 SCK FALLING EDGES = LSB OF CONVERSION RESULTS.
29 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER.
ON THE 16TH OR 30TH SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE.
16/
30
CONVERSION (n)
RETURN CNV HIGH
FOR NO BUSY
END DATA (n – 1)
END CFG (n + 1)
CFG
LSB
X
X
>
tCONV
LSB
SCK
CNV
DIN
SDO
LSB + 1
14
15
16/
30
CONVERSION (n – 1)
RETURN CNV HIGH
FOR NO BUSY
END DATA (n – 2)
END CFG (n)
CFG
LSB
X
X
tCONV
tDATA
tCNVH
tDATA
tDIS
tDIS
tEN
t
DSDO
t
HSDO
tHDIN
tSDIN
tCLSCK
t
EN
t
EN
t
DIS
t
DIS
tCONV
LSB
tACQ
t
CYC
(QUIET
TIME)
(QUIET
TIME)
Figure 35. Serial Interface Timing for the AD7682/AD7689 Without a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com