Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7682 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7682
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices AD7682 Datasheet HTML 26Page - Analog Devices AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7949
Rev. A | Page 24 of 28
READ/WRITE SPANNING CONVERSION WITH A
BUSY INDICATOR
This mode is used when the AD7949 is connected to any host
using an SPI, serial port, or FPGA with an interrupt input. The
connection diagram is shown in Figure 35, and the correspon-
ding timing is given in Figure 36. For SPI, the host should use
CPHA = CPOL = 1. Reading/writing spanning conversion is
shown, which covers all three modes detailed in the Digital
Interface section.
A rising edge on CNV initiates a conversion, forces SDO to
high impedance, and ignores data present on DIN. After a
conversion is initiated, it continues until completion
irrespective of the state of CNV. CNV must be returned low
before the safe data transfer time, tDATA, and then held low
beyond the conversion time, tCONV, to generate the busy signal
indicator. When the conversion is complete, SDO transitions
from high impedance to low with a pull-up to VIO, which can
be used to interrupt the host to begin data transfer.
After the conversion is complete, the AD7949 enters the
acquisition phase and powers down. The host must enable the
MSB of CFG at this time (if necessary) to begin the CFG
update. While CNV is low, both a CFG update and a data
readback take place. The first 14 SCK rising edges are used to
update the CFG, and the first 14 SCK falling edges clock out the
conversion results starting with the MSB. The restriction for
both configuring and reading is that they both occur before the
tDATA time elapses for the next conversion. All 14 bits of
CFG[13:0] must be written or they are ignored. Also, if the 14-bit
conversion result is not read back before tDATA elapses, it is lost.
The SDO data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate, provided it has an
acceptable hold time. After the optional 14th (or 28th) SCK
falling edge or when CNV goes high (whichever occurs first),
SDO returns to high impedance. If CFG readback is enabled,
the CFG associated with the conversion result (n − 1) is read
back MSB first following the LSB of the conversion result.
A total of 29 SCK falling edges is required to return SDO to
high impedance if this is enabled.
AD7949
MISO
MOSI
SCK
SS
SDO
VIO
FOR SPI USE CPHA = 1, CPOL = 1.
SCK
CNV
DIN
DIGITAL HOST
IRQ
Figure 35. Connection Diagram for the AD7949 with a Busy Indicator
SCK
ACQUISITION (n)
ACQUISITION
(n + 1)
CNV
DIN
SDO
MSB
MSB
– 1
1
2
BEGIN DATA (n – 1)
BEIGN CFG (n + 1)
CFG
MSB
LSB
+ 1
LSB
13
13
SEE NOTE
SEE NOTE
14
14
15/
29
15/
29
CONVERSION (n)
CONVERSION
(n – 1)
(QUIET
TIME)
END DATA (n – 2)
END DATA (n – 1)
END CFG (n + 1)
END CFG (n)
X
XX
X
X
X
tDATA
UPDATE (n + 1)
CFG/SDO
LSB
+ 1
LSB
CONVERSION (n – 1)
(QUIET
TIME)
UPDATE (n)
CFG/SDO
tCYC
tACQ
tHDIN
tHSDO
tDSDO
tSDIN
tDATA
tCONV
tCNVH
tDIS
tDIS
tDIS
tEN
tEN
tEN
CFG
MSB –1
NOTES:
1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF
16 SCK FALLING EDGES = LSB OF CONVERSION RESULTS.
30 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER.
ON THE 17TH OR 31st SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE.
OTHERWISE, THE LSB REMAINS ACTIVE UNTIL THE BUSY INDICATOR IS DRIVEN LOW.
Figure 36. Serial Interface Timing for the AD7949 with a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com