Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505-AD8295ACPZ-R7CT-ND Datasheet(PDF) 4 Page - Analog Devices

Part # 505-AD8295ACPZ-R7CT-ND
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND Datasheet(HTML) 4 Page - Analog Devices

  505-AD8295ACPZ-R7CT-ND Datasheet HTML 1Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 2Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 3Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 4Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 5Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 6Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 7Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 8Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8295
Rev. 0 | Page 4 of
28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.05
0.02
%
G = 10
0.3
0.1
%
G = 100
0.3
0.1
%
G = 1000
0.3
0.1
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
3
10
1
5
ppm
G = 10
7
20
7
20
ppm
G = 100
7
20
7
20
ppm
Gain vs. Temperature
G = 1
5
1
ppm/°C
G > 1
−50
−50
ppm/°C
DYNAMIC RESPONSE (SINGLE-
ENDED CONFIGURATION)
Small Signal −3 dB Bandwidth
G = 1
1200
1200
kHz
G = 10
750
750
kHz
G = 100
140
140
kHz
G = 1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
10
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
13
13
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
DYNAMIC RESPONSE (DIFFERENTIAL
OUTPUT CONFIGURATION)
Small Signal −3 dB Bandwidth
G = 1
1200
1200
kHz
G = 10
1000
1000
kHz
G = 100
140
140
kHz
G = 1000
15
15
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
10
μs
G = 1000
80
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
13
13
μs
G = 1000
110
110
μs
Slew Rate
G = 1
1.5
2
1.5
2
V/μs
G = 5 to 1000
2
2.5
2
2.5
V/μs
REFERENCE INPUT
RIN
20
20
kΩ
IIN
VIN+, VIN−, VREF = 0 V
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ± 0.0001
1 ± 0.0001
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com