Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505-AD8295ACPZ-R7CT-ND Datasheet(PDF) 6 Page - Analog Devices

Part # 505-AD8295ACPZ-R7CT-ND
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

505-AD8295ACPZ-R7CT-ND Datasheet(HTML) 6 Page - Analog Devices

Back Button 505-AD8295ACPZ-R7CT-ND Datasheet HTML 2Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 3Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 4Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 5Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 6Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 7Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 8Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 9Page - Analog Devices 505-AD8295ACPZ-R7CT-ND Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8295
Rev. 0 | Page 6 of
28
INTERNAL RESISTOR NETWORK
When used with internal Op Amp A1, TA = 25°C, unless otherwise noted. Use in external op amp feedback loops is not recommended.
Table 4.
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Nominal Resistor Value
20
20
kΩ
Resistor Matching
0.1
0.03
%
Matching Temperature Coefficient
TA = −40°C to +85°C
5
1
ppm/°C
Absolute Resistor Accuracy
0.2
0.1
%
Absolute Temperature Coefficient
TA = −40°C to +85°C
−50
−50
ppm/°C
POWER AND TEMPERATURE SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, unless otherwise noted.
Table 5.
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±2.3
±18
±2.3
±18
V
Quiescent Current
In-amp + two op amps
2
2.3
2
2.3
mA
Over Temperature
TA = −40°C to +85°C
2.5
2.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
−40
+85
°C
Operational Performance1
−40
+125
−40
+125
°C
1 See the
section for expected operation from 85°C to 125°C.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com