Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9520-4BCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9520-4BCPZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4BCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9520-4BCPZ Datasheet HTML 49Page - Analog Devices AD9520-4BCPZ Datasheet HTML 50Page - Analog Devices AD9520-4BCPZ Datasheet HTML 51Page - Analog Devices AD9520-4BCPZ Datasheet HTML 52Page - Analog Devices AD9520-4BCPZ Datasheet HTML 53Page - Analog Devices AD9520-4BCPZ Datasheet HTML 54Page - Analog Devices AD9520-4BCPZ Datasheet HTML 55Page - Analog Devices AD9520-4BCPZ Datasheet HTML 56Page - Analog Devices AD9520-4BCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
AD9520-4
Rev. 0 | Page 53 of 84
Data Transfer Format
Send byte format—the send byte protocol is used to set up the register address for subsequent commands.
S
Slave Address
W
A
RAM Address High Byte
A
RAM Address Low Byte
A
P
Write byte format—the write byte protocol is used to write a register address to the RAM starting from the specified RAM address.
S
Slave Address
W
A
RAM Address
High Byte
A
RAM Address
Low Byte
A
RAM Data 0
A
RAM Data 1
A
RAM Data 2
A
P
Receive byte format—the receive byte protocol is used to read the data byte(s) from RAM starting from the current address.
S
Slave Address
R
A
RAM Data 0
A
RAM Data 1
A
RAM Data 2
A
P
Read byte format—the combined format of the send byte and the receive byte.
S
Slave
Address
W
A
RAM Address
High Byte
A
RAM Address
Low Byte
A
Sr
Slave
Address
R
A
RAM
Data 0
A
RAM
Data 1
A
RAM
Data 2
A
P
I²C Serial Port Timing
SDA
SCL
S
Sr
P
S
tFALL
tSET; DAT
tLOW
tRISE
tHLD; STR
tHLD; DAT
tHIGH
tFALL
tSET; STR
tHLD; STR
tSPIKE
tSET; STP
tRISE
tIDLE
Figure 58. I²C Serial Port Timing
Table 42. I2C Timing Definitions
Parameter
Description
fI2C
I²C clock frequency
tIDLE
Bus idle time between stop and start conditions
tHLD; STR
Hold time for repeated start condition
tSET; STR
Setup time for repeated start condition
tSET; STP
Setup time for stop condition
tHLD; DAT
Hold time for data
tSET; DAT
Setup time for data
tLOW
Duration of SCL clock low
tHIGH
Duration of SCL clock high
tRISE
SCL/SDA rise time
tFALL
SCL/SDA fall time
tSPIKE
Voltage spike pulse width that must be suppressed by input filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com