Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9520-4BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9520-4BCPZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-4BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9520-4BCPZ Datasheet HTML 4Page - Analog Devices AD9520-4BCPZ Datasheet HTML 5Page - Analog Devices AD9520-4BCPZ Datasheet HTML 6Page - Analog Devices AD9520-4BCPZ Datasheet HTML 7Page - Analog Devices AD9520-4BCPZ Datasheet HTML 8Page - Analog Devices AD9520-4BCPZ Datasheet HTML 9Page - Analog Devices AD9520-4BCPZ Datasheet HTML 10Page - Analog Devices AD9520-4BCPZ Datasheet HTML 11Page - Analog Devices AD9520-4BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
AD9520-4
Rev. 0 | Page 8 of 84
TIMING CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT RISE/FALL TIMES
Termination = 50 Ω to VS_DRV − 2 V
Output Rise Time, tRP
130
170
ps
20% to 80%, measured differentially (rise/fall
time are independent of VS and are valid for
VS_DRV = 3.3 V and 2.5 V)
Output Fall Time, tFP
130
170
ps
80% to 20%, measured differentially (rise/fall
time are independent of VS and are valid for
VS_DRV = 3.3 V and 2.5 V)
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUTPUT
For All Divide Values
850
1050
1280
ps
High frequency clock distribution configuration
800
970
1180
ps
Clock distribution configuration
Variation with Temperature
1.0
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS1
Termination = open
LVPECL Outputs That Share the Same Divider
5
16
ps
VS_DRV = 3.3 V
5
20
ps
VS_DRV = 2.5 V
LVPECL Outputs on Different Dividers
5
45
ps
VS_DRV = 3.3 V
5
60
ps
VS_DRV = 2.5 V
All LVPECL Outputs Across Multiple Parts
190
ps
VS_DRV = 3.3 V and 2.5 V
CMOS OUTPUT RISE/FALL TIMES
Termination = open
Output Rise Time, tRC
750
960
ps
20% to 80%; CLOAD = 10 pF; VS_DRV = 3.3 V
Output Fall Time, tFC
715
890
ps
80% to 20%; CLOAD = 10 pF; VS_DRV = 3.3 V
Output Rise Time, tRC
965
1280
ps
20% to 80%; CLOAD = 10 pF; VS_DRV = 2.5 V
Output Fall Time, tFC
890
1100
ps
80% to 20%; CLOAD = 10 pF; VS_DRV = 2.5 V
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUTPUT
Clock distribution configuration
For All Divide Values
2.1
2.75
3.55
ns
VS_DRV = 3.3 V
3.35
ns
VS_DRV = 2.5 V
Variation with Temperature
2
ps/°C
VS_DRV = 3.3 V and 2.5 V
OUTPUT SKEW, CMOS OUTPUTS1
CMOS Outputs That Share the Same Divider
7
85
ps
VS_DRV = 3.3 V
10
105
ps
VS_DRV = 2.5 V
All CMOS Outputs on Different Dividers
10
240
ps
VS_DRV = 3.3 V
10
285
ps
VS_DRV = 2.5 V
All CMOS Outputs Across Multiple Parts
600
ps
VS_DRV = 3.3 V
620
ps
VS_DRV = 2.5 V
OUTPUT SKEW, LVPECL-TO-CMOS OUTPUT1
All settings identical; different logic type
Output(s) That Share the Same Divider
1.18
1.76
2.48
ns
LVPECL to CMOS on same part
Output(s) That Are on Different Dividers
1.20
1.78
2.50
ns
LVPECL to CMOS on same part
1 The output skew is the difference between any two similar delay paths while operating at the same voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com