Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9716BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9716BCPZ Datasheet HTML 35Page - Analog Devices AD9716BCPZ Datasheet HTML 36Page - Analog Devices AD9716BCPZ Datasheet HTML 37Page - Analog Devices AD9716BCPZ Datasheet HTML 38Page - Analog Devices AD9716BCPZ Datasheet HTML 39Page - Analog Devices AD9716BCPZ Datasheet HTML 40Page - Analog Devices AD9716BCPZ Datasheet HTML 41Page - Analog Devices AD9716BCPZ Datasheet HTML 42Page - Analog Devices AD9716BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 39 of 48
Table 15. Timer Register List
Bit Name
Description
CLKMODEQ[1:0]
Q datapath retimer clock selected output. Valid after SEARCHING goes low.
Searching
High indicates the internal data path retimer is searching for clock relationship (DAC is not usable until it is low again).
Reacquire
Changing this bit from 0 to 1 causes the data path retimer circuit to reacquire the clock relationship.
CLKMODEN
0: Uses CLKMODEI/CLKMODEQ values (as computed by the two internal retimers) for I and Q clocking.
1: Uses CLKMODE value set in CLKMODEI[1:0] for both I and Q retimers (that is, force the retimer).
CLKMODEI[1:0]
I datapath retimer clock selected output. Valid after searching goes low.
If CLKMODEN = 1, a value written to this register overrides both I and Q automatic retimer values.
Table 16. CLKMODE Details
CLKMODEI[1:0]/CLKMODEQ[1:0]
DCLKIO-to-CLKIN Phase Relationship
RETIMER-CLK Selected
00
0° to 90°
Phase 2
01
90° to 180°
Phase 3
10
180° to 270°
Phase 3
11
270° to 360°
Phase 1
When reset is pulsed high and then returns low (the part is in
SPI mode), the retimer runs and automatically selects a suitable
clock phase for the RETIMER-CLK within 128 clock cycles. The
SPI searching bit returns to low, indicating that the retimer has
locked and the part is ready for use. The reacquire bit can be
used to reinitiate phase detection in the I and Q retimers at
any time. CLKMODEQ[1:0] and CLKMODEI[1:0] provide
readback for the values picked by the internal phase detectors
in the retimer (see Table 16).
To force the two retimers (I and Q) to pick a particular phase
for the retimer clock (they must both be forced to the same
value), CLKMODEN should be set high and the required phase
value is written into CLKMODEI[1:0] and CLKMODEQ[1:0].
For example, if the DCLKIO and the CLKIN are in phase to first
order, the user could safely force the retimers to pick Phase 2 for
the RETIMER-CLK. This forcing function may be useful for
synchronizing multiple devices.
In pin mode, it is expected that the user tie CLKIN and DCLKIO
together. The device has a small amount of programmable
functionality using the now unused SPI pins (SCLK, SDIO, and
CS). If the two chip clocks are tied together, the SCLK pin can
be tied to ground and the chip uses a clock for the retimer that
is 180° out of phase with the two input clocks (that is, Phase 2,
which is the safest or best option). The chip has an additional
option in pin mode when the redefined SCLK pin is high. Use
this mode if utilizing pin mode, but CLKIN and DCLKIO are
not tied together (that is, not in phase). Holding SCLK high
causes the internal clock detector to use the phase detector
output to determine which clock to use in the retimer (that is,
select a suitable RETIMER-CLK phase). The action of taking
SCLK high causes the internal phase detector to reexamine the
two clocks and determine the relative phase. Whenever the user
wants to reevaluate the relative phase of the two clocks, the
SCLK pin can be taken low and then high again.
ESTIMATING THE OVERALL DAC PIPELINE DELAY
DAC pipeline latency is affected by the phase of the RETIMER-
CLK that is selected. If latency is critical to the system and needs
to be constant, the retimer should be forced to a particular phase
and not be allowed to automatically select a phase each time.
Consider the case when DCLKIO = CLKIN (that is, in phase),
and the RETIMER-CLK is forced to Phase 2. Assume that
IRISING is 1 (that is, I data is latched on the rising edge and
Q data on the falling edge). Then the latency to the output for
the I-channel is 3 clock cycles (D-FF (1), D-FF (3), and D-FF
(4), but not D-FF (2) because it is latched on the half clock
cycle or 180°). The latency to the output for the Q-channel
from the time the falling edge latches it at the pads in D-FF (0)
is 2.5 clock cycles (½ clock cycle to D-FF (1), 1 clock cycle to
D-FF (3), and 1 clock cycle to D-FF (4)). This latency for the
AD9714/AD9715/ AD9716/AD9717 is case specific and needs
to be calculated based on the RETIMER-CLK phase that is
automatically selected or manually forced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com