Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9716BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9716BCPZ Datasheet HTML 1Page - Analog Devices AD9716BCPZ Datasheet HTML 2Page - Analog Devices AD9716BCPZ Datasheet HTML 3Page - Analog Devices AD9716BCPZ Datasheet HTML 4Page - Analog Devices AD9716BCPZ Datasheet HTML 5Page - Analog Devices AD9716BCPZ Datasheet HTML 6Page - Analog Devices AD9716BCPZ Datasheet HTML 7Page - Analog Devices AD9716BCPZ Datasheet HTML 8Page - Analog Devices AD9716BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 5 of 48
Parameter
AD9714
AD9715
AD9716
AD9717
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
DAC MATCHING
Gain Matching
−1
+1
−1
+1
−1
+1
−1
+1
% FSR
ANALOG SUPPLY VOLTAGES
AVDD
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
CVDD
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
DIGITAL SUPPLY VOLTAGES
DVDD
1.7
1.9
1.7
1.9
1.7
1.9
1.7
1.9
V
DVDDIO
1.7
3.5
1.7
3.5
1.7
3.5
1.7
3.5
V
POWER CONSUMPTION @ 3.3 V
fDAC = 125 MSPS, IF = 12.5 MHz
86
86
86
86
mW
IAVDD
10
10
10
10
mA
IDVDD2
0
0
0
0
mA
IDVDDIO3
11
11
11
11
mA
ICVDD
3
3
3
3
mA
Power-Down Mode with Clock
50
50
50
50
mW
Power-Down Mode No Clock
1.5
1.5
1.5
1.5
mW
Power Supply Rejection Ratio
−0.04
−0.04
−0.04
−0.04
% FSR/V
POWER CONSUMPTION @ 1.8 V
fDAC = 125 MSPS, IF = 12.5 MHz
35
35
35
35
mW
IAVDD
10
10
10
10
mA
IDVDD + IDVDDIO
8
8
8
8
mA
ICVDD
1.5
1.5
1.5
1.5
mA
Power-Down Mode with Clock
12
12
12
12
mW
Power-Down Mode No Clock
850
850
850
850
μW
Power Supply Rejection Ratio
−0.001
−0.001
−0.001
−0.001
% FSR/V
OPERATING RANGE
–40
+25
+85
–40
+25
+85
–40
+25
+85
–40
+25
+85
°C
1 Based on a 10 kΩ external resistor.
2 Bypass only.
3 LDO on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com