Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9717BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9717BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9717BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9717BCPZ Datasheet HTML 39Page - Analog Devices AD9717BCPZ Datasheet HTML 40Page - Analog Devices AD9717BCPZ Datasheet HTML 41Page - Analog Devices AD9717BCPZ Datasheet HTML 42Page - Analog Devices AD9717BCPZ Datasheet HTML 43Page - Analog Devices AD9717BCPZ Datasheet HTML 44Page - Analog Devices AD9717BCPZ Datasheet HTML 45Page - Analog Devices AD9717BCPZ Datasheet HTML 46Page - Analog Devices AD9717BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 43 of 48
APPLICATIONS INFORMATION
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output confi-
gurations for the AD9714/AD9715/AD9716/AD9717. Unless
otherwise noted, it is assumed that IOUTFS is set to a nominal
2 mA. For applications requiring the optimum dynamic perfor-
mance, a differential output configuration is suggested. A
differential output configuration can consist of either an
RF transformer or a differential op amp configuration. The
transformer configuration provides the optimum high fre-
quency performance and is recommended for any application
that allows ac coupling. The differential op amp configuration
is suitable for applications requiring dc coupling, signal gain,
and/or a low output impedance.
A single-ended output is suitable for applications where low
cost and low power consumption are primary concerns.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in Figure 89. The
distortion performance of a transformer typically exceeds
that available from standard op amps, particularly at higher
frequencies. Transformer coupling provides excellent rejection
of common-mode distortion (that is, even-order harmonics)
over a wide frequency range. It also provides electrical isolation
and can deliver voltage gain without adding noise. Transformers
with different impedance ratios can also be used for impedance
matching purposes. The main disadvantages of transformer
coupling are low frequency roll-off, lack-of-power gain, and
high output impedance.
AD9714/AD9715/
AD9716/AD9717
IOUTN
IOUTP
29
28
OPTIONAL RDIFF
RLOAD
Figure 89. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to a voltage that keeps the voltages on IOUTP and
IOUTN within the output common-mode voltage range of the
device. Note that the dc component of the DAC output current
is equal to IOUTFS and flows out of both IOUTP and IOUTN. The
center tap of the transformer should provide a path for this dc
current. In most applications, AGND provides the most conve-
nient voltage for the transformer center tap. The complementary
voltages appearing at IOUTP and IOUTN (that is, VIOUTP and
VIOUTN) swing symmetrically around AGND and should be
maintained with the specified output compliance range of the
AD9714/AD9715/AD9716/AD9717.
A differential resistor, RDIFF, can be inserted in applications
where the output of the transformer is connected to the load,
RLOAD, via a passive reconstruction filter or cable. RDIFF, as
reflected by the transformer, is chosen to provide a source
termination that results in a low VSWR. Note that approx-
imately half the signal power is dissipated across RDIFF.
SINGLE-ENDED BUFFERED OUTPUT USING
AN OP AMP
An op amp such as the ADA4899-1 can be used to perform
a single-ended current-to-voltage conversion, as shown in
Figure 90. The AD9714/AD9715/AD9716/AD9717 are config-
ured with a pair of series resistors, RS, off each output. For best
distortion performance, RS should be set to 0 Ω. The feedback
resistor, RFB, determines the peak-to-peak signal swing by the
formula
VOUT = RFB × IFS
The common-mode voltage of the output is determined by the
formula
2
1
FS
FB
B
FB
REF
CM
I
R
R
R
V
V
×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
The maximum and minimum voltages out of the amplifier are,
respectively,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
B
FB
REF
MAX
R
R
V
V
1
VMIN = VMAX – IFS × RFB
+5V
AD9714/AD9715/
AD9716/AD9717
IOUTP
IOUTN 29
RFB
VOUT
REFIO 34
28
RS
AVSS 25
CF
C
RS
RB
+
–
ADA4899-1
–5V
Figure 90. Single-Supply Single-Ended Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com