Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9717BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9717BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9717BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9717BCPZ Datasheet HTML 2Page - Analog Devices AD9717BCPZ Datasheet HTML 3Page - Analog Devices AD9717BCPZ Datasheet HTML 4Page - Analog Devices AD9717BCPZ Datasheet HTML 5Page - Analog Devices AD9717BCPZ Datasheet HTML 6Page - Analog Devices AD9717BCPZ Datasheet HTML 7Page - Analog Devices AD9717BCPZ Datasheet HTML 8Page - Analog Devices AD9717BCPZ Datasheet HTML 9Page - Analog Devices AD9717BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 6 of 48
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, DVDDIO = 3.3 V, CVDD = 3.3 V, IOUTFS = 2 mA, maximum sample rate, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKIN)
VIH
2.1
3
V
VIL
0
0.9
V
Maximum Clock Rate
125
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
25
MHz
Minimum Pulse Width High
20
ns
Minimum Pulse Width Low
20
ns
INPUT DATA
1.8 V Q-Channel or DCLKIO Falling Edge
Setup
0.25
ns
Hold
1.2
ns
I-Channel or DCLKIO Rising Edge
Setup
0.13
ns
Hold
1.1
ns
3.3 V Q-Channel or DCLKIO Falling Edge
Setup
−0.2
ns
Hold
1.5
ns
I-Channel or DCLKIO Rising Edge
Setup
−0.2
ns
Hold
1.6
ns
VIH
2.1
3
V
VIL
0
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com