Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9717-EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9717-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9717-EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9717-EBZ Datasheet HTML 31Page - Analog Devices AD9717-EBZ Datasheet HTML 32Page - Analog Devices AD9717-EBZ Datasheet HTML 33Page - Analog Devices AD9717-EBZ Datasheet HTML 34Page - Analog Devices AD9717-EBZ Datasheet HTML 35Page - Analog Devices AD9717-EBZ Datasheet HTML 36Page - Analog Devices AD9717-EBZ Datasheet HTML 37Page - Analog Devices AD9717-EBZ Datasheet HTML 38Page - Analog Devices AD9717-EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 35 of 48
Register
Address
Bit
Name
Function
IRCML
0x05
7
IRCMLEN
1: Enables on-chip RCML adjustment
5:0
IRCML[5:0]
Changes the value of the on-chip RCML resistor; this adjusts the common-mode level of
the DAC output stage
000000: RSET = 250 Ω
100000: RSET = 625 Ω
111111: RSET = 1 kΩ
Q DAC Gain
0x06
5:0
Q DACGAIN[5:0]
DAC Q fine gain adjustment; alters the full-scale current as shown in Figure 86
QRSET
0x07
7
QRSETEN
1: Enables on-chip RCML adjustment
5:0
QRSET[5:0]
Changes the value of the on-chip RSET resistor; this scales the full-scale current of the
DAC in ~0.25 dB steps (nonlinear), see Figure 85
000000: RSET = 8 kΩ
100000: RSET = 16 kΩ
111111: RSET = 32 kΩ
QRCML
0x08
7
QRCMLEN
1: Enables on-chip RCML adjustment
5:0
QRCML[5:0]
Changes the value of the on-chip RCML resistor; this adjusts the common-mode level of
the DAC output stage
000000, RSET = 250 Ω
100000, RSET = 625 Ω
111111, RSET = 1 kΩ
AUXDAC Q
0x09
7:0
QAUXDAC[7:0]
AUXDAC Q output voltage adjustment word LSBs
0x3FF: Sets AUXDAC Q output to full scale
0x200: Sets AUXDAC Q output to midscale
0x000: Sets AUXDAC Q output to bottom of scale
AUX CTLQ
0x0A
7
QAUXEN
1: enables AUXDAC Q
6:5
QAUXRNG[1:0]
00: Sets AUXDAC Q output voltage range to 2 V
01: Sets AUXDAC Q output voltage range to 1.5 V
10: Sets AUXDAC Q output voltage range to 1.0 V
11: Sets AUXDAC Q output voltage range to 0.5 V
4:2
QAUXOFS[2:0]
000: Sets AUXDAC Q top of range to 1.0 V
001: Sets AUXDAC Q top of range to 1.5 V
010: Sets AUXDAC Q top of range to 2.0 V
011: Sets AUXDAC Q top of range to 2.5 V
100: Sets AUXDAC Q top of range to 2.9 V
1:0
QAUXDAC[9:8]
AUXDAC Q output voltage adjustment word MSBs
AUXDAC I
0x0B
7:0
IAUXDAC[7:0]
AUXDAC I output voltage adjustment word LSBs
0x3FF: Sets AUXDAC I output to full scale
0x200: Sets AUXDAC I output to midscale
0x000: Sets AUXDAC I output to bottom of scale
AUX CTLI
0x0C
7
IAUXEN
1: enables AUXDAC I
6:5
IAUXRNG[1:0]
00: Sets AUXDAC I output voltage range to 2 V
01: Sets AUXDAC I output voltage range to 1.5 V
10: Sets AUXDAC I output voltage range to 1.0 V
11: Sets AUXDAC I output voltage range to 0.5 V
4:2
IAUXOFS[2:0]
000: Sets AUXDAC I top of range to 1.0 V
001: Sets AUXDAC I top of range to 1.5 V
010: Sets AUXDAC I top of range to 2.0 V
011: Sets AUXDAC I top of range to 2.5 V
100: Sets AUXDAC I top of range to 2.9 V
1:0
IAUXDAC[9:8]
AUXDAC I output voltage adjustment word MSBs
Reference
Resistor
0x0D
5:0
RREF[5:0]
Permits an adjustment of the on-chip reference voltage and output at REFIO (see Figure 84)
000000: Sets the value of RREF to 8 kΩ, VREF = 0.8 V
100000: Sets the value of RREF to 10 kΩ, VREF = 1.0 V
111111: Sets the value of RREF to 12 kΩ, VREF = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com