Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9781-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9781-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9781-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9781-EBZ Datasheet HTML 1Page - Analog Devices AD9781-EBZ Datasheet HTML 2Page - Analog Devices AD9781-EBZ Datasheet HTML 3Page - Analog Devices AD9781-EBZ Datasheet HTML 4Page - Analog Devices AD9781-EBZ Datasheet HTML 5Page - Analog Devices AD9781-EBZ Datasheet HTML 6Page - Analog Devices AD9781-EBZ Datasheet HTML 7Page - Analog Devices AD9781-EBZ Datasheet HTML 8Page - Analog Devices AD9781-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Dual 12-/14-/16-Bit,
LVDS Interface, 500 MSPS DACs
AD9780/AD9781/AD9783
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
High dynamic range, dual DAC parts
Low noise and intermodulation distortion
Single carrier W-CDMA ACLR = 80 dBc @ 61.44 MHz IF
Innovative switching output stage permits usable outputs
beyond Nyquist frequency
LVDS inputs with dual-port or optional interleaved single-
port operation
Differential analog current outputs are programmable from
8.6 mA to 31.7 mA full scale
Auxiliary 10-bit current DACs with source/sink capability for
external offset nulling
Internal 1.2 V precision reference voltage source
Operates from 1.8 V and 3.3 V supplies
315 mW power dissipation
Small footprint, RoHS compliant, 72-lead LFCSP
APPLICATIONS
Wireless infrastructure
W-CDMA, CDMA2000, TD-SCDMA, WiMAX
Wideband communications
LMDS/MMDS, point-to-point
RF signal generators, arbitrary waveform generators
GENERAL DESCRIPTION
The AD9780/AD9781/AD9783 include pin-compatible, high
dynamic range, dual digital-to-analog converters (DACs) with
12-/14-/16-bit resolutions, and sample rates of up to 500 MSPS.
The devices include specific features for direct conversion transmit
applications, including gain and offset compensation, and they
interface seamlessly with analog quadrature modulators such as
the ADL5370.
A proprietary, dynamic output architecture permits synthesis
of analog outputs even above Nyquist by shifting energy away
from the fundamental and into the image frequency.
Full programmability is provided through a serial peripheral
interface (SPI) port. Some pin-programmable features are also
offered for those applications without a controller.
PRODUCT HIGHLIGHTS
1.
Low noise and intermodulation distortion (IMD) enable
high quality synthesis of wideband signals.
2.
Proprietary switching output for enhanced dynamic
performance.
3.
Programmable current outputs and dual auxiliary DACs
provide flexibility and system enhancements.
FUNCTIONAL BLOCK DIAGRAM
GAIN
DAC
GAIN
DAC
OFFSET
DAC
OFFSET
DAC
16-BIT
I DAC
16-BIT
Q DAC
INTERFACE LOGIC
INTERNAL
REFERENCE
AND
BIAS
SERIAL
PERIPHERAL
INTERFACE
CLKP
CLKN
LVDS
INTERFACE
D[15:0]
VIA, VIB
AUX2N
AUX2P
AUX1N
AUX1P
IOUT2N
IOUT2P
IOUT1N
IOUT1P
AD9783 DUAL LVDS DAC
Figure 1.


Similar Part No. - AD9781-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9781 AD-AD9781 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9781 AD-AD9781 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781BCPZ AD-AD9781BCPZ Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9781BCPZRL AD-AD9781BCPZRL Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
More results

Similar Description - AD9781-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com