Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9781-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9781-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9781-EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9781-EBZ Datasheet HTML 1Page - Analog Devices AD9781-EBZ Datasheet HTML 2Page - Analog Devices AD9781-EBZ Datasheet HTML 3Page - Analog Devices AD9781-EBZ Datasheet HTML 4Page - Analog Devices AD9781-EBZ Datasheet HTML 5Page - Analog Devices AD9781-EBZ Datasheet HTML 6Page - Analog Devices AD9781-EBZ Datasheet HTML 7Page - Analog Devices AD9781-EBZ Datasheet HTML 8Page - Analog Devices AD9781-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA maximum sample rate, unless
otherwise noted.
Table 1.
AD9780
AD9781
AD9783
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
14
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±0.13
±0.5
±2
LSB
Integral Nonlinearity (INL)
±0.25
±1
±4
LSB
MAIN DAC OUTPUTS
Offset Error
–0.001
0
+0.001
–0.001
0
+0.001
–0.001
0
+0.001
% FSR
Gain Error (with Internal Reference)
±2
±2
±2
% FSR
Full-Scale Output Current1
8.66
20.2
31.66
8.66
20.2
31.66
8.66
20.2
31.66
mA
Output Compliance Range
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
V
Output Resistance
10
10
10
MΩ
Main DAC Monotonicity Guaranteed
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
0.04
0.04
ppm/°C
Gain
100
100
100
ppm/°C
Reference Voltage
30
30
30
ppm/°C
AUX DAC OUTPUTS
Resolution
10
10
10
Bits
Full-Scale Output Current
–2
+2
–2
+2
–2
+2
mA
Output Compliance Range (Source)
0
1.6
0
1.6
0
1.6
V
Output Compliance Range (Sink)
0.8
1.6
0.8
1.6
0.8
1.6
V
Output Resistance
1
1
1
MΩ
AUX DAC Monotonicity Guaranteed
REFERENCE
Internal Reference Voltage
1.2
1.2
1.2
V
Output Resistance
5
5
5
kΩ
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
CVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
DVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
DVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
POWER CONSUMPTION
fDAC = 500 MSPS, IF = 20 MHz
V × I
V × I
V × I
V × I
V × I
V × I
mW
fDAC = 500 MSPS, IF = 10 MHz
440
440
440
mW
Power-Down Mode
3
5
3
5
3
35
mW
SUPPLY CURRENTS2
AVDD33
55
58
55
58
55
58
mA
CVDD18
34
38
34
38
34
38
mA
DVDD33
13
15
13
15
13
15
mA
DVDD18
68
85
68
85
68
85
mA
1 Based on a 10 kΩ external resistor.
2 fDAC = 500 MSPS, fOUT = 20 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com