| Electronic Components Datasheet Search |
|
ADE8052Z-PRG1 Datasheet(PDF) 83 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE8052Z-PRG1 Datasheet(HTML) 83 Page - Analog Devices |
|
83 / 148 page ![]() ADE5166/ADE5169 Rev. 0 | Page 83 of 148 SUBB A, Source This instruction subtracts the source byte and the carry (borrow) flag from the accumulator. It references the carry (borrow) status flag. Table 71. SUBB A (Source) Affected Status Flags Flag Description C Set if there is a borrow needed for Bit 7. Cleared otherwise. Used to indicate an overflow if the operands are unsigned. OV Set if there is a borrow needed for Bit 6 or Bit 7, but not for both. Used to indicate an overflow for signed subtraction. This flag is set if a negative number subtracted from a positive yields a negative result or if a positive number subtracted from a negative number yields a positive result. AC Set if a borrow is needed for Bit 3. Cleared otherwise. MUL AB This instruction multiplies the accumulator by the B SFR. This operation is unsigned. The lower byte of the 16-bit product is stored in the accumulator and the higher byte is left in the B register. No status flags are referenced by the instruction. Table 72. MUL AB Affected Status Flags Flag Description C Cleared OV Set if the result is greater than 255. Cleared otherwise. DIV AB This instruction divides the accumulator by the B SFR. This operation is unsigned. The integer part of the quotient is stored in the accumulator and the remainder goes into the B register. No status flags are referenced by the instruction. Table 73. DIV AB Affected Status Flags Flag Description C Cleared OV Cleared unless the B register is equal to 0, in which case the results of the division are undefined and the OV flag is set. DA A This instruction adjusts the accumulator to hold two 4-bit digits after the addition of two binary coded decimals (BCDs) with the ADD or ADDC instructions. If the AC bit is set or if the value of Bit 0 to Bit 3 exceeds 9, 0x06 is added to the accumulator to correct the lower four bits. If the carry bit is set when the instruc- tion begins, or if 0x06 is added to the accumulator in the first step, 0x60 is added to the accumulator to correct the higher four bits. The carry and AC status flags are referenced by this instruction. Table 74. DA A Affected Status Flag Flag Description C Set if the result is greater than 0x99. Cleared otherwise. RRC A This instruction rotates the accumulator to the right through the carry flag. The old LSB of the accumulator becomes the new carry flag, and the old carry flag is loaded into the new MSB of the accumulator. The carry status flag is referenced by this instruction. Table 75. RRC A Affected Status Flag Flag Description C Equal to the state of ACC[0] before execution of the instruction. RLC A This instruction rotates the accumulator to the left through the carry flag. The old MSB of the accumulator becomes the new carry flag, and the old carry flag is loaded into the new LSB of the accumulator. The carry status flag is referenced by this instruction. Table 76. RLC A Affected Status Flag Flag Description C Equal to the state of ACC[7] before execution of the instruction. CJNE Destination, Source, Relative Jump This instruction compares the source value to the destination value and branches to the location set by the relative jump if they are not equal. If the values are equal, program execution continues with the instruction after the CJNE instruction. No status flags are referenced by this instruction. Table 77. CINE Destination (Source, Relative Jump) Affected Status Flag Flag Description C Set if the source value is greater than the destination value. Cleared otherwise. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |