Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE8052Z-PRG1 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE8052Z-PRG1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-PRG1 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE8052Z-PRG1 Datasheet HTML 16Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 17Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 18Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 19Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 20Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 21Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 22Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 23Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 20 of 148
–2.0
–1.5
0.1
1
10
100
–1.0
–0.5
0
0.5
1.0
2.0
1.5
MID CLASS C
MID CLASS C
GAIN = 16
INTEGRATOR OFF
INTERNAL REFERENCE
CURRENT CHANNEL (% of Full Scale)
+25°C; PF = 1
+25°C; PF = 0.5
+85°C
; PF = 1
+85°C
; PF = 0.5
–40°C
; PF = 1
–40°C
; PF = 0.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
2.0
1.5
0.1
1
10
100
MID CLASS C
Figure 27. Active Energy Error as a Percentage of Reading (Gain = 16) over
Power Factor with Internal Reference, Integrator On
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
GAIN = 16
INTEGRATOR OFF
INTERNAL REFERENCE
+85°C; PF = 0
–40°C; PF = 0
–40°C; PF = 0.866
+25°C; PF = 0
+25°C; PF = 0.866
+85°C; PF = 0.866
Figure 28. Reactive Energy Error as a Percentage of Reading (Gain = 16) over
Power Factor with Internal Reference, Integrator On
MID CLASS C
CURRENT CHANNEL (% of Full Scale)
GAIN = 16
INTEGRATOR OFF
INTERNAL REFERENCE
+85°C
; PF = 1
+25°C; PF = 0.5
+25°C; PF = 1
–40°C; PF = 0.5
–40°C; PF = 1
+85°C
; PF = 0.5
Figure 29. Current RMS Error as a Percentage of Reading (Gain = 16) over
Power Factor with Internal Reference, Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com