Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE8052Z-DWDL1 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 24Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 25Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 26Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 27Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 28Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 29Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 30Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 31Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 28 of 148
EPSR
FPSR
ESAG
FSAG
EVADC
FVADC
EBAT
FBAT
EBSO
FBSO
EVDCIN
FVDCIN
FPSM
EPSM
TRUE?
PENDING PSM
INTERRUPT
EPSR
RESERVED
ESAG
RESERVED
EVADC
EBAT
EBSO
EVDCIN
FPSR
FPSM
FSAG
RESERVED
FVADC
FBAT
FBSO
FVDCIN
PS2
PTI
ES2
PSI
EADE
ETI
EPSM
ESI
IPSME ADDR. 0xEC
IPSMF ADDR. 0xF8
IEIP2 ADDR. 0xA9
NOT INVOLVED IN PSM INTERRUPT SIGNAL CHAIN
Figure 31. Power Supply Management Interrupt Sources
Battery Switchover and Power Supply Restored
PSM Interrupt
The ADE5166/ADE5169 can be configured to generate a PSM
interrupt when the source of VSWOUT changes from VDD to VBAT,
indicating battery switchover. Setting the EBSO bit in the power
management interrupt enable SFR (IPSME, Address 0xEC) enables
this event to generate a PSM interrupt (see Table 20).
The ADE5166/ADE5169 can also be configured to generate an
interrupt when the source of VSWOUT changes from VBAT to VDD,
indicating that the VDD power supply has been restored. Setting
the EPSR bit in the power management interrupt enable SFR
(IPSME, Address 0xEC) enables this event to generate a PSM
interrupt.
The flags in the IPSMF SFR for these interrupts, FBSO and
FPSR, are set regardless of whether the respective enable bits
have been set. The battery switchover and power supply restore
event flags, FBSO and FPSR, are latched. These events must be
cleared by writing a 0 to these bits. Bit 6 in the peripheral config-
uration SFR (PERIPH, Address 0xF4), VSWSOURCE, tracks
the source of VSWOUT. The bit is set when VSWOUT is connected to
VDD and cleared when VSWOUT is connected to VBAT.
VDCIN ADC PSM Interrupt
The ADE5166/ADE5169 can be configured to generate a PSM
interrupt when VDCIN changes magnitude by more than a config-
urable threshold. This threshold is set in the temperature and
supply delta SFR (DIFFPROG, Address 0xF3), which is described
in Table 50. See the External Voltage Measurement section for
more information. Setting the EVADC bit in the power manage-
ment interrupt enable SFR (IPSME, Address 0xEC) enables this
event to generate a PSM interrupt.
The VDCIN voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to check
the change in VDCIN. Conversions can also be initiated by writing to
the start ADC measurement SFR (ADCGO, Address 0xD8), as
described in Table 51. The FVADC flag indicates when a VDCIN
measurement is ready. See the External Voltage Measurement
section for details on how VDCIN is measured.
VBAT Monitor PSM Interrupt
The VBAT voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to check
the change in VBAT. The FBAT bit is set when the battery level is
lower than the threshold set in the battery detection threshold
SFR (BATVTH, Address 0xFA), described in Table 52; or when a
new measurement is ready in the battery ADC value SFR
(BATADC, Address 0xDF), described in Table 54. See the
Battery Measurement section for more information. Setting the
EBAT bit in the power management interrupt enable SFR (IPSME,
Address 0xEC) enables this event to generate a PSM interrupt.
VDCIN Monitor PSM Interrupt
The VDCIN voltage is monitored by a comparator. The FVDCIN
bit in the power management interrupt flag SFR (IPSMF,
Address 0xF8) is set when the VDCIN input level is lower than 1.2 V.
Setting the EVDCIN bit in the IPSME SFR enables this event to
generate a PSM interrupt. This event, which is associated with
the SAG monitoring, can be used to detect that a power supply
(VDD) is compromised and to trigger further actions prior to
initiating a switch from VDD to VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com