Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE8052Z-DWDL1 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 83Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 84Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 85Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 86Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 87Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 88Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 89Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 90Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 87 of 148
INTERRUPT FLAGS
The interrupt flags and status flags associated with the interrupt vectors are shown in Table 84 and Table 85, respectively. Most of the
interrupts have flags associated with them.
Table 84. Interrupt Flags
Interrupt Source
Flag
Bit Name
Description
IE0
TCON.1
IE0
External Interrupt 0.
TF0
TCON.5
TF0
Timer 0.
IE1
TCON.3
IE1
External Interrupt 1.
TF1
TCON.7
TF1
Timer 1.
RI + TI
SCON.1
TI
Transmit interrupt.
SCON.0
RI
Receive interrupt.
RI2 + TI2
SCON2.1
TI2
Transmit 2 interrupt
SCON2.0
RI2
Receive 2 interrupt
TF2 + EXF2
T2CON.7
TF2
Timer 2 overflow flag.
T2CON.6
EXF2
Timer 2 external flag.
ITEMP (Temperature ADC)
N/A
N/A
Temperature ADC interrupt. Does not have an interrupt flag associated with it.
IPSM (Power Supply)
IPSMF.6
FPSM
PSM interrupt flag.
IADE (Energy Measurement DSP)
MIRQSTL.7
ADEIRQFLAG
Read MIRQSTH, MIRQSTM, MIRQSTL.
Table 85. Status Flags
Interrupt Source
Flag
Bit Address
Description
ITEMP (Temperature ADC)
N/A
N/A
Temperature ADC interrupt. Does not have a status flag associated with it.
ISPI/I2CI
SPI2CSTAT1
N/A
SPI interrupt status register.
SPI2CSTAT
N/A
I2C interrupt status register.
IRTC (RTC Interval Timer)
TIMECON.6
ALFLAG
RTC alarm flag.
TIMECON.2
ITFLAG
RTC interrupt flag.
WDT (Watchdog Timer)
WDCON.2
WDS
Watchdog timeout flag.
1 There is no specific flag for ISPI/I2CI; however, all flags for SPI2CSTAT need to be read to assess the reason for the interrupt.
A functional block diagram of the interrupt system is shown in
Figure 84. Note that the PSM interrupt is the only interrupt in
the highest priority level.
If an external wake-up event occurs to wake the ADE5166/
ADE5169 from PSM2 mode, a pending external interrupt is
generated. When the EX0 bit (Bit 0) or the EX1 bit (Bit2) in the
interrupt enable SFR (IE, Address 0xA8) is set to enable external
interrupts, the program counter is loaded with the IE0 or IE1
interrupt vector. The IE0 and IE1 interrupt flags (Bit 1 and Bit 3,
respectively) in the Timer/Counter 0 and Timer/Counter 1 control
SFR (TCON, Address 0x88) are not affected by events that occur
when the 8052 MCU core is shut down during PSM2 mode (see
the Power Supply Management (PSM) Interrupt section).
The temperature ADC and I2C/SPI interrupts are latched such
that pending interrupts cannot be cleared without entering their
respective interrupt service routines. Clearing the I2C/SPI status
bits in the SPI interrupt status SFR (SPISTAT, Address 0xEA)
does not cancel a pending I2C/SPI interrupt. These interrupts
remain pending until the I2C/SPI interrupt vectors are enabled.
Their respective interrupt service routines are entered shortly
thereafter.
The RTC interrupts are driven by the alarm and interval flags.
Pending RTC interrupts can be cleared without entering the
interrupt service routine, by clearing the corresponding RTC
flag in software. Entering the interrupt service routine alone
does not clear the RTC interrupt.
Figure 84 shows how the interrupts are cleared when the inter-
rupt service routines are entered. Some interrupts with multiple
interrupt sources are not automatically cleared; specifically, the
PSM, ADE, UART, UART2 and Timer 2 interrupt vectors. Note
that the INT0 and INT1 interrupts are cleared only if the external
interrupt is configured to be triggered by a falling edge by setting
IT0 (Bit 0) in the Timer/Counter 0 and Timer/Counter 1 control
SFR (TCON, Address 0x88). If INT0 or INT1 is configured to
interrupt on a low level, the interrupt service routine is
reentered until the respective pin goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com