Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE8052Z-DWDL1 Datasheet(PDF) 130 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 130 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 126Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 127Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 128Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 129Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 130Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 131Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 132Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 133Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 130 of 148
For example, to get a baud rate of 9600 while operating at a core
clock frequency of 4.096 MHz, with the PLL CD bits equal to 0,
DIV2 + SBTH2 = log(4,096,000/(16 × 9600))/log2 =
4.74 = 4
Note that the DIV result is rounded down.
SBAUDF2 = 64 × (4,096,000/(16 × 23 × 9600) − 1) =
42.67 = 0x2B
Therefore, the actual baud rate is 9570 bps, which gives an error
of 0.31%.
UART
2 ADDITIONAL FEATURES
Enhanced Error Checking
The extended UART2 provides frame error, break error, and
overwrite error detection. Framing errors occur when a stop bit
is not present at the end of the frame. A missing stop bit implies
that the data in the frame may not have been received properly.
Break error detection indicates whether the RxD2 line is low for
longer than a 9-bit frame. It indicates that the data just received,
a 0 or NULL character, is not valid because the master has discon-
nected. Overwrite error detection indicates whether the received
data isn’t read fast enough and, as result, a byte of data is lost.
UART2 TxD2
Signal Modulation
There is an internal 38 kHz signal that can be read with the
UART2 transmit signal for use in remote control applications.
One of the events that can wake the MCU from sleep mode is
activity on the RxD2 (P0.7/SS/T1/RxD2) pin. See the
section for more information.
3.3 V
Peripherals and Wake-Up Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com