Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE8052Z-DWDL1 Datasheet(PDF) 146 Page - Analog Devices

Part # ADE8052Z-DWDL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-DWDL1 Datasheet(HTML) 146 Page - Analog Devices

Back Button ADE8052Z-DWDL1 Datasheet HTML 140Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 141Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 142Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 143Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 144Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 145Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 146Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 147Page - Analog Devices ADE8052Z-DWDL1 Datasheet HTML 148Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 146 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 146 of 148
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
OUTLINE DIMENSIONS
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 114. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Antitamper
di/dt
Sensor
Interface
VAR
Flash
(kB)
Temperature
Range
Package Description
Package
Option
ADE5166ASTZF622
Yes
No
Yes
62
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE5166ASTZF62-RL2
Yes
No
Yes
62
−40°C to +85°C
64-Lead LQFP, 13”Tape & Reel
ST-64-2
ADE5169ASTZF622
Yes
Yes
Yes
62
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADE5169ASTZF62-RL2
Yes
Yes
Yes
62
−40°C to +85°C
64-Lead LQFP,13”Tape & Reel
ST-64-2
ADE8052Z-PRG1
ADE Programmer
ADE8052Z- DWDL1
ADE Downloader
ADE8052Z-EMUL1
ADE Emulator
EVAL- ADE5169F62EBZ2
Evaluation Board
1 All models have W + VA + rms, 5 V LCD, and RTC.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com