Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4902 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4902
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4902 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4902 Datasheet HTML 5Page - STMicroelectronics TS4902 Datasheet HTML 6Page - STMicroelectronics TS4902 Datasheet HTML 7Page - STMicroelectronics TS4902 Datasheet HTML 8Page - STMicroelectronics TS4902 Datasheet HTML 9Page - STMicroelectronics TS4902 Datasheet HTML 10Page - STMicroelectronics TS4902 Datasheet HTML 11Page - STMicroelectronics TS4902 Datasheet HTML 12Page - STMicroelectronics TS4902 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TS4902
9/19
Fig. 21 : Output Power vs Load Resistance
Fig. 23 : Clipping Voltage vs Supply Voltage
Fig. 25 : Noise Floor
Fig. 22 : Output Power vs Load Resistance
Fig. 24 : Frequency response vs Cin & Cfeed
816
16
24
32
32
0.0
0.2
0.4
0.6
0.8
1.0
Vcc=4.5V
Vcc=5V
Vcc=2.5V
Vcc=3V
Vcc=4V
Vcc=3.5V
THD+N=1%
Gv = 2 & 10
Cb = 1
µF
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Load Resistance (ohm)
2.5
3.0
3.5
4.0
4.5
5.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4
Ω High Side
8
Ω High Side
Tamb = 25
°C
8
Ω Low Side
4
Ω Low Side
Supply Voltage (V)
100
1000
10000
0
20
40
60
80
100
Standby = ON
Vcc = 2.5V to 5V
Rin = Rfeed = 22k
Cb = Cin = 1
µF
Input Grounded
BW < 22kHz
Tamb = 25
°C
V
OUT1
+ V
OUT2
20
Frequency (Hz)
8
162432
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vcc=2.5V
Vcc=4.5V
Vcc=4V
Vcc=3.5V
Vcc=3V
Vcc=5V
THD+N=10%
Gv = 2 & 10
Cb = 1
µF
F = 1kHz
BW < 125kHz
Tamb = 25
°C
Load Resistance (ohm)
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22k
Tamb = 25
°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com