Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4902 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4902
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4902 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4902 Datasheet HTML 1Page - STMicroelectronics TS4902 Datasheet HTML 2Page - STMicroelectronics TS4902 Datasheet HTML 3Page - STMicroelectronics TS4902 Datasheet HTML 4Page - STMicroelectronics TS4902 Datasheet HTML 5Page - STMicroelectronics TS4902 Datasheet HTML 6Page - STMicroelectronics TS4902 Datasheet HTML 7Page - STMicroelectronics TS4902 Datasheet HTML 8Page - STMicroelectronics TS4902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
s OPERATING FROM V
CC = 2.2V to 5.5V
s 0.7W OUTPUT POWER @ Vcc=5V, THD=1%,
f=1kHz, with an 8
load
s 0.3W OUTPUT POWER @ Vcc=3.3V,
THD=1%, f=1kHz, with an 8
load
s ULTRA LOW CONSUMPTION IN STANDBY
MODE (10nA)
s 77dB PSRR @ 217Hz from 5V to 2.2V
s ULTRA LOW POP & CLICK
s ULTRA LOW DISTORTION (0.1%)
s UNITY GAIN STABLE
s AVAILABLE IN MiniSO8 & SO8
DESCRIPTION
The TS4902 is an audio power amplifier designed
to provide the best price to power ratio while pre-
serving high audio quality.
Available in MiniSO8 & SO8 package, it is capable
of delivering up to 0.7W of continuous RMS ouput
power into an 8
load @ 5V.
TS4902 is also exhibiting an outstanding 0.1%
distortion level (THD) from a 5V supply for a Pout
of 200mW RMS.
An externally controlled standby mode reduces
the supply current to less than 10nA. It also in-
cludes an internal thermal shutdown protection.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
APPLICATIONS
s Mobile Phones (Cellular / Cordless)
s PDAs
s Portable Audio Devices
ORDER CODE
S = MiniSO Package (MiniSO) is only available in Tape & Reel (ST)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ST
D
TS4902IST
-40, +85°C
TS4902ID
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
TYPICAL APPLICATION SCHEMATIC
TS4902IS-TS4902IST - MiniSO8
TS4902ID-TS4902IDT - SO8
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
Cb
Cin
Rin
Rfeed
Rstb
RL
8 Ohms
Cs
Input
Audio
Cfeed
VCC
VCC
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
V
C
GND
Vout 1
Vout 2
+
-
+
-
4
2
6
5
7
1
3
8
TS4902
January 2002
TS4902
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER
WITH STANDBY MODE ACTIVE LOW


Similar Part No. - TS4902

ManufacturerPart #DatasheetDescription
logo
Techcon Systems Inc.
TS490-HO-LD-PK TECHCON-TS490-HO-LD-PK Datasheet
1Mb / 8P
310 ml Dispensing Tools/Accessories
logo
STMicroelectronics
TS4900 STMICROELECTRONICS-TS4900 Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
TS4900ID STMICROELECTRONICS-TS4900ID Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
TS4900IDT STMICROELECTRONICS-TS4900IDT Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
TS4900IS STMICROELECTRONICS-TS4900IS Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
More results

Similar Description - TS4902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4900 STMICROELECTRONICS-TS4900 Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com