Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5588ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP5588
Rev. A | Page 14 of 28
I2C PROGRAMMING AND DIGITAL CONTROL
The ADP5588 provides full software programmability to
facilitate its adoption in various product architectures. All
register programming is done via the I2C bus at Address 0x69
(01101001) for a read and Address 0x68 (01101000) for a write.
All communication to the ADP5588 is done via its I2C-compatible
serial interface. Figure 14 shows a typical write sequence for
programming an internal register. The cycle begins with a start
condition followed by the chip write address (0x68). The
ADP5588 acknowledges the chip write address byte by pulling
the data line low. The address of the register to which data is to
be written is sent next. The ADP5588 acknowledges the register
address byte by pulling the data line low. The data byte to be
written is sent next. The ADP5588 acknowledges the data byte
by pulling the data line low. A stop condition completes the
sequence.
Figure 15 shows a typical read sequence for reading back an
internal register. The cycle begins with a start condition
followed by the chip write address (0x68). The ADP5588
acknowledges the chip write address byte by pulling the data
line low. The address of the register from which data is to be
read is sent next. The ADP5588 acknowledges the register
address byte by pulling the data line low. The cycle continues
with a repeat start followed by the chip read address (0x69). The
ADP5588 acknowledges the chip read address byte by pulling
the data line low. The ADP5588 places the contents of the
previously addressed register on the bus for readback. There is
no acknowledge following the readback data byte, and the cycle
is completed with a stop condition.
0 = WRITE
SUBADDRESS
CHIP ADDRESS
ST
0
1
1
0
0
0
0
0
0
0
SP
0
ADP5588 RECEIVES DATA
Figure 14. I2C Write Sequence
1 = READ
SUBADDRESS
CHIP ADDRESS
CHIP ADDRESS
ST
0
110
0
0
0
0
0
0000011
0
ST
0
1
1
0
0
00
0
1
SP
ADP5588 SENDS DATA
0 = WRITE
0
1
Figure 15. I2C Read and Write Sequences
READ START ADDR
CHIP ADDRESS
CHIP ADDRESS
ST 0
110
1
0
0
0
0000001
1
0
ST 0110
1
0
0
0
0
1 = READ
ADP5588 SENDS DATA 1
0 = WRITE
0
1
1
...
ADP5588 SENDS DATA N
ST
Figure 16. I2C Read Autoincrement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com