Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5588ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5588ACPZ-R7
Description  Keypad I/O Expander
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5588ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5588ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5588ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADP5588
Rev. A | Page 21 of 28
COMPARATOR REGISTER DESCRIPTIONS
Table 37. CMP_CFG_STAT—Register 0x30 (Comparator Configuration and Status Register)
Field
Bit
Description
CMP2_L3_OUT
7
Sensor 2 Comparator L3 output.
0: Ambient light is greater than Level 3 (dark).
1: L3_CMP has detected a change in ambient light from Level 2 (office) to L3 (dark).
CMP2_L2_OUT
6
Sensor 2 Comparator L2 output.
0: Ambient light is greater than Level 2 (office).
1: L2_CMP has detected a change in ambient light from Level 1 (outdoor) to L2 (office).
CMP1_L3_OUT
5
Sensor 1 Comparator L3 output.
0: Ambient light is greater than Level 3 (dark).
1: L3_CMP has detected a change in ambient light from Level 2 (office) to L3 (dark).
CMP1_L2_OUT
4
Sensor 1 Comparator L2 output.
0: Ambient light is greater than Level 2 (office).
1: L2_CMP has detected a change in ambient light from Level 1 (outdoor) to L2 (office).
CMP2_IEN
3
Sensor 2 comparator interrupt.
0: Interrupt disabled.
1: Interrupt enabled.
CMP1_IEN
2
Sensor 1 comparator interrupt.
0: Interrupt disabled.
1: Interrupt enabled.
CMP2_EN
1
Sensor 2 comparator input.
0: Input disabled.
1: Input enabled.
CMP1_EN
0
Sensor 1 comparator input.
0: Input disabled.
1: Input enabled.
Table 38. CMP_CONFG_SENS1—Register 0x31 (Sensor 1 Comparator Configuration Register)
Field
Bit
Description
[7:6]
Not used.
FILT (2-0)
[5:3]
Programs the number of consecutive measurements required to transition the L2 and L3 levels.
FILT
Number Required
ApproximateTime (sec)
000
1
0.08
001
2
0.16
010
4
0.32
011
8
0.64
100
16
1.28
101
32
2.56
110
64
5.12
111
128
10.24
FORCE_RD
2
1: Forces a read of the light sensor; reset by the internal state machine after conversion is complete and
L2_OUT and L3_OUT are valid.1
L3_EN
1
1: Enables the L3 comparator for Sensor 1 input.
0: Disables the L3 comparator for Sensor 1 input.
L2_EN
0
1: Enables the L2 comparator for Sensor 1 input.
0: Disables the L2 comparator for Sensor 1 input.
Note that the L3 comparator has priority over the L2 comparator.
1 When the software forces a conversion, the state machine clears the forced bit after the conversion is done and the proper registers have been updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com