Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3200ASWZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 4Page - Analog Devices ADV3200ASWZ Datasheet HTML 5Page - Analog Devices ADV3200ASWZ Datasheet HTML 6Page - Analog Devices ADV3200ASWZ Datasheet HTML 7Page - Analog Devices ADV3200ASWZ Datasheet HTML 8Page - Analog Devices ADV3200ASWZ Datasheet HTML 9Page - Analog Devices ADV3200ASWZ Datasheet HTML 10Page - Analog Devices ADV3200ASWZ Datasheet HTML 11Page - Analog Devices ADV3200ASWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 8 of
36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
1
DVCC
2
OSD00
3
4
CLK
5
DATA IN
6
DATA OUT
7
8
9
OSDS15
10
IN00
11
OSDS14
12
IN01
13
OSDS13
14
IN02
15
OSDS12
16
IN03
17
OSDS11
18
IN04
19
OSDS10
20
IN05
21
OSDS09
22
IN06
23
OSDS08
24
IN07
25
OSDS07
26
IN08
27
OSDS06
28
IN09
29
OSDS05
30
IN10
31
OSDS04
32
IN11
33
OSDS03
34
IN12
35
OSDS02
36
IN13
37
OSDS01
38
IN14
39
OSDS00
40
IN15
41
VNEG
42
VREF
43
VCLAMP
44
OSD31
89
VNEG
90
OSD19
91
OSD18
92
OSD17
93
OSD16
94
VPOS
95
IN31
96
OSDS31
97
IN30
98
OSDS30
99
IN29
100
OSDS29
101
IN28
102
OSDS28
103
IN27
104
OSDS27
105
IN26
106
OSDS26
107
IN25
108
OSDS25
109
IN24
110
OSDS24
111
IN23
112
OSDS23
113
IN22
114
OSDS22
115
IN21
116
OSDS21
117
IN20
118
OSDS20
119
IN19
120
OSDS19
121
IN18
122
OSDS18
123
IN17
124
OSDS17
125
IN16
126
OSDS16
127
OSD15
128
OSD14
129
OSD13
130
OSD12
131
OSD11
132
VNEG
ADV3200/ADV3201
TOP VIEW
(Not to Scale)
RESET
UPDATE
CS
NOTES
1. OSDSxx: OSD SELECT FOR OUTxx
OSDxx: OSD VIDEO INPUT FOR OUTxx
2. THE EXPOSED PAD SHOULD BE
CONNECTED TO ANALOG GROUND.
Figure 5. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com