Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3200ASWZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 20Page - Analog Devices ADV3200ASWZ Datasheet HTML 21Page - Analog Devices ADV3200ASWZ Datasheet HTML 22Page - Analog Devices ADV3200ASWZ Datasheet HTML 23Page - Analog Devices ADV3200ASWZ Datasheet HTML 24Page - Analog Devices ADV3200ASWZ Datasheet HTML 25Page - Analog Devices ADV3200ASWZ Datasheet HTML 26Page - Analog Devices ADV3200ASWZ Datasheet HTML 27Page - Analog Devices ADV3200ASWZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 24 of
36
0.10
0.05
0
–0.05
–0.10
–0.15
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
INPUT DC OFFSET (V)
Figure 80. ADV3201 Differential Gain, Carrier Frequency = 3.58 MHz,
Subcarrier Amplitude = 300 mV p-p
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
INPUT DC OFFSET (V)
Figure 81. ADV3201 Differential Phase, Carrier Frequency = 3.58 MHz,
Subcarrier Amplitude = 300 mV p-p
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
INPUT DC OFFSET (V)
Figure 82. ADV3201 OSD Differential Gain, Carrier Frequency = 3.58 MHz,
Subcarrier Amplitude = 300 mV p-p
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
INPUT DC OFFSET (V)
Figure 83. ADV3201 OSD Differential Phase, Carrier Frequency = 3.58 MHz,
Subcarrier Amplitude = 300 mV p-p
280
260
240
220
200
180
160
140
120
300
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
IPOS, INEG (BROADCAST)
IPOS, INEG (ALL OUTPUTS DISABLED)
Figure 84. ADV3201 Supply Current vs. Temperature
300
275
250
225
200
175
150
125
100
0
2
4
6
8 10 121416 18 20 22 24 26 28 3032
NUMBER OF ENABLED OUTPUTS
Figure 85. ADV3201 Supply Current vs. Enabled Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com