Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS615P Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 7Page - STMicroelectronics TS615P Datasheet HTML 8Page - STMicroelectronics TS615P Datasheet HTML 9Page - STMicroelectronics TS615P Datasheet HTML 10Page - STMicroelectronics TS615P Datasheet HTML 11Page - STMicroelectronics TS615P Datasheet HTML 12Page - STMicroelectronics TS615P Datasheet HTML 13Page - STMicroelectronics TS615P Datasheet HTML 14Page - STMicroelectronics TS615P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TS615
11/27
Figure 25 : Iib vs. Power Supply
Open loop, no load
Figure 26 : Iib(-) vs. Temperature
Open loop, no load
Figure 27 : Icc vs. Temperature
Open loop, no load
Figure 28 : Iib(+) vs. Temperature
Open loop, no load
Figure 29 : Voh & Vol vs. Power Supply
Open loop, RL=25Ω
Figure 30 : Voh vs. Temperature
Open loop
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
I
B
-
V
cc
(V)
I
B
+
-40
-20
0
20406080
0
1
2
3
4
5
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
-40
-20
0
20406080
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Icc(+) for Vcc=±2.5V
Icc(+) for Vcc=±6V
Icc(-) for Vcc=±6V
Icc(-) for Vcc=±2.5V
Temperature (
°C)
-40
-20
0
20406080
-1
0
1
2
3
4
5
6
7
8
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
5678
9
10
11
12
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
V
OH
V
OL
V
cc
(V)
-40
-20
0
20406080
0
1
2
3
4
5
6
Vcc=±2.5V
Load=10
Vcc=±6vV
Load=25
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com