Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS615P Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS615P
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS615P Datasheet HTML 14Page - STMicroelectronics TS615P Datasheet HTML 15Page - STMicroelectronics TS615P Datasheet HTML 16Page - STMicroelectronics TS615P Datasheet HTML 17Page - STMicroelectronics TS615P Datasheet HTML 18Page - STMicroelectronics TS615P Datasheet HTML 19Page - STMicroelectronics TS615P Datasheet HTML 20Page - STMicroelectronics TS615P Datasheet HTML 21Page - STMicroelectronics TS615P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TS615
18/27
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
In this range of frequency, printed circuit board
parasites can affect the closed-loop performance.
The implementation of a proper ground plane in
both sides of the PCB is mandatory to provide low
inductance and low resistance common return.
Most important for controlling the gain flatness
and the bandwidth are stray capacitances at the
output and inverting input. For minimizing the cou-
pling, the space between signal lines and ground
plane will be increased. Connections of the feed-
back components must be as short as possible in
order to decrease the associated inductance
which affect high frequency gain errors. It is very
important to choose external components as small
as possible such as surface mounted devices,
SMD, in order to minimize the size of all the DC
and AC connections.
THERMAL INFORMATION
The TS615 is housed in an Exposed-Pad plastic
package. As described on the figure 56, this pack-
age uses a lead frame upon which the dice is
mounted. This lead frame is exposed as a thermal
pad on the underside of the package. The thermal
contact is direct with the dice. This thermal path
provide an excellent thermal performance.
The thermal pad is electrically isolated from all
pins in the package. It should be soldered to a
copper area of the PCB underneath the package.
Through these thermal paths within this copper ar-
ea, heat can be conducted away from the pack-
age. In this case, the copper area should be con-
nected to (-VCC).
Figure 55 : Exposed-Pad Package
Figure 56 : Evaluation Board
1
Cross Section View
Bottom View
Side View
DICE
1
Cross Section View
Bottom View
Side View
DICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com