Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX944CSD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX944CSD
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX944CSD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX944CSD Datasheet HTML 1Page - Maxim Integrated Products MAX944CSD Datasheet HTML 2Page - Maxim Integrated Products MAX944CSD Datasheet HTML 3Page - Maxim Integrated Products MAX944CSD Datasheet HTML 4Page - Maxim Integrated Products MAX944CSD Datasheet HTML 5Page - Maxim Integrated Products MAX944CSD Datasheet HTML 6Page - Maxim Integrated Products MAX944CSD Datasheet HTML 7Page - Maxim Integrated Products MAX944CSD Datasheet HTML 8Page - Maxim Integrated Products MAX944CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 2.7V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 14)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Ranges
Supply Voltage V+ to GND .............................................+6.5V
Differential Input Voltage ..........................-0.3V to (V+ + 0.3V)
Common-Mode Input Voltage ..................-0.3V to (V+ + 0.3V)
–
L
—
A
—
T
—
C
—
H
–
Input (MAX941 only) ....................-0.3V to (V+ + 0.3V)
S
—
H
—
D
—
N
–
Control Input (MAX941 only) .........-0.3V to (V+ + 0.3V)
Current Into Input Pins..................................................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)..800mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
Operating Temperature Ranges
MAX94_C_ _ .......................................................0°C to +70°C
MAX94_E_ _.....................................................-40°C to +85°C
MAX94_AUA ..................................................-40°C to +125°C
MAX942MSA..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX94_E/A, MAX942MSA
MAX94_C
(Note 1)
CONDITIONS
(Note 6)
ISINK = 4mA
ISINK = 400µA
VIN = VOS, VCM = 0 or V+
VIN = VOS, VCM = 0 or
VCM = V+ (Note 4)
ISOURCE = 4mA
ISOURCE = 400µA
µA
1
ILEAK
Output Leakage Current
V
0.3
0.4
VOL
Output Low Voltage
0.2
0.4
V
V+ - 0.4 V+ - 0.3
VOH
Output High Voltage
V+ - 0.4 V+ - 0.2
V
-0.2
V+ + 0.2
VCMR
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Input Voltage Range
nA
10
150
IOS
Input Offset Current
nA
150
400
IB
Input Bias Current
150
300
13
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
TA = +25°C
VCM = 0 or
VCM = V+
(Note 2)
mV
14
MAX941_UA/MAX942_UA
4
Input-Referred Trip
Points
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
TA = TMIN
to TMAX
VTRIP
mV
6
MAX941_UA/MAX942_UA
3
Input Offset Voltage
12
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
TA = +25°C
TA = TMIN
to TMAX
VOS
mV
5.5
MAX941_UA/MAX942_UA
VCM = 0 or
VCM = V+
(Note 3)
mV
13
MAX941_UA/MAX942_UA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
(Note 5)
80
800
CMRR
Common-Mode Rejection
Ratio
MAX941_UA/MAX942_UA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX942MSA
2.7V
≤ V+ ≤ 5.5V,
VCM = 0V
80
350
PSRR
Power-Supply Rejection
Ratio
MAX941_UA/MAX942_UA
Force 100µA into IN+, IN- = GND,
measure VIN+ - VIN-, Figure 3
V
2.2
VCLAMP
Input Differential Clamp
Voltage
V
2.7
5.5
V+
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com