Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX944CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX944CSD
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX944CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX944CSD Datasheet HTML 1Page - Maxim Integrated Products MAX944CSD Datasheet HTML 2Page - Maxim Integrated Products MAX944CSD Datasheet HTML 3Page - Maxim Integrated Products MAX944CSD Datasheet HTML 4Page - Maxim Integrated Products MAX944CSD Datasheet HTML 5Page - Maxim Integrated Products MAX944CSD Datasheet HTML 6Page - Maxim Integrated Products MAX944CSD Datasheet HTML 7Page - Maxim Integrated Products MAX944CSD Datasheet HTML 8Page - Maxim Integrated Products MAX944CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = 3.0V, TA = +25°C, unless otherwise noted.)
100
40
0
100
PROPAGATION DELAY vs.
INPUT OVERDRIVE
50
90
INPUT OVERDRIVE (mV)
75
70
60
25
50
80
30
tPD+
tPD-
RS = 10
Ω
CLOAD = 15pF
400
100
10
100k
PROPAGATION DELAY vs.
SOURCE IMPEDANCE
150
350
SOURCE IMPEDANCE (
Ω)
10k
250
200
100
1k
300
50
tPD+
tPD-
CLOAD = 15pF
VOD = 5mV
180
60
0
PROPAGATION DELAY vs.
CAPACITIVE LOAD
80
160
CAPACITIVE LOAD (pF)
400
120
100
100
300
500
140
200
RS = 10
Ω
VOD = 5mV
tPD+
tPD-
130
-60
-20
40
80
PROPAGATION DELAY vs.
TEMPERATURE
70
110
TEMPERATURE (
°C)
060
90
120
60
100
80
-40
20
100 120 140
RS = 10
Ω
CLOAD = 15pF
VOD = 5mV
0
1
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (
μA)
0.1
0.2
0.3
0.4
0.5
10
100
1000
10,000
TA = -55
°C
TA = +25
°C
TA = +125
°C
100
40
26
PROPAGATION DELAY vs.
SUPPLY VOLTAGE
50
90
SUPPLY VOLTAGE (V)
5
70
60
34
80
30
tPD+
tPD-
RS = 10
Ω
CLOAD = 15pF
VOD = 5mV
2.6
1
10,000
OUTPUT HIGH VOLTAGE vs.
SOURCE CURRENT
2.7
SOURCE CURRENT (
μA)
1000
2.9
2.8
10
100
3.0
2.5
TA = +125
°C
TA = +25
°C
TA = -55
°C
MAX941 TOTAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
2
SUPPLY VOLTAGE (V)
100
200
300
400
500
600
34
5
6
TA = +125
°C
TA = +25
°C
TA = -55
°C
MAX942 TOTAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
300
SUPPLY VOLTAGE (V)
400
500
600
700
800
TA = +125
°C
TA = +25
°C
TA = -55
°C
23
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com