Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS925 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS925
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS925 Datasheet(HTML) 1 Page - STMicroelectronics

  TS925 Datasheet HTML 1Page - STMicroelectronics TS925 Datasheet HTML 2Page - STMicroelectronics TS925 Datasheet HTML 3Page - STMicroelectronics TS925 Datasheet HTML 4Page - STMicroelectronics TS925 Datasheet HTML 5Page - STMicroelectronics TS925 Datasheet HTML 6Page - STMicroelectronics TS925 Datasheet HTML 7Page - STMicroelectronics TS925 Datasheet HTML 8Page - STMicroelectronics TS925 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 2
17
November 2005
1/17
TS925
Rail-to-Rail High Output Current Quad Operational Amplifiers
With Standby Mode and Adjustable Phantom Ground
Rail-to-rail input and output
Low noise: 9nV/
√Hz
Low distortion
High output current: 80mA (able to drive 32
loads)
High-speed: 4MHz, 1.3V/
µs
Operating from 2.7V to 12V
Low input offset voltage: 900
µV max. (TS925A)
Adjustable phantom ground (VCC/2)
Standby mode
ESD internal protection: 2kV
Latch-up immunity
Description
The
TS925
is
a
rail-to-rail
quad
BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
High output current allows low load impedances to
be driven. An internal low impedance phantom
ground eliminates the need for an external
reference voltage or biasing arrangement.
The TS925 exhibits very low noise, low distortion
and high output current making this device an
excellent choice for high quality, low voltage or
battery operated audio/telecom systems.
The device is stable for capacitive loads up to
500pF. When the STANDBY mode is enabled, the
total consumption drops to 6
µA (V
CC = 3V).
Applications
Headphone amplifier
Soundcard amplifier, piezoelectric speaker
MPEG boards, multimedia systems...
Cordless telephones and portable
communication equipment
Line driver, buffer
Instrumentation with low noise as key factor
1
2
3
4
13
14
15
16
5
6
7
8
12
11
10
9
+
-
Output 1
Inverting
Input 1
Non-inverting
Input 1
V
CC
+
+
-
V
CC
-
Non-inverting
Input 2
Inverting
Input 2
Output 2
Phantom ground
Output 4
Inverting
Input 4
Non-inverting
Input 4
Non-inverting
Input 3
Inverting
Input 3
Output 3
Stdby
N
DIP16
(Plastic Package)
Pin connections (top view)
D
SO-16
(Plastic Micropackage)
P
TSSOP16
(Thin Shrink Small Outline Package)
www.st.com


Similar Part No. - TS925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS921 STMICROELECTRONICS-TS921 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS921I STMICROELECTRONICS-TS921I Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS921ID/IDT STMICROELECTRONICS-TS921ID/IDT Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS921IDT STMICROELECTRONICS-TS921IDT Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
More results

Similar Description - TS925

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com