Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS925 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS925
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS925 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS925 Datasheet HTML 7Page - STMicroelectronics TS925 Datasheet HTML 8Page - STMicroelectronics TS925 Datasheet HTML 9Page - STMicroelectronics TS925 Datasheet HTML 10Page - STMicroelectronics TS925 Datasheet HTML 11Page - STMicroelectronics TS925 Datasheet HTML 12Page - STMicroelectronics TS925 Datasheet HTML 13Page - STMicroelectronics TS925 Datasheet HTML 14Page - STMicroelectronics TS925 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TS925
Using the TS925 as a preamplifier and speaker driver
11/17
3
Using the TS925 as a preamplifier and speaker
driver
The TS925 is an input/output rail-to-rail quad BiCMOS operational amplifier. It is able to operate
with low supply voltages (2.7V) and to drive low output loads such as 32
Ω.
As an illustration of these features, the following technical note highlights many of the
advantages of the device in a global audio application.
3.1
Application circuit
Figure 16 shows two operators (A1, A4) used in a preamplifier configuration, and the two others
in a push-pull configuration driving a headset. The phantom ground is used as a common
reference level (VCC/2).
The power supply is delivered from two LR6 batteries (2 x 1.5V nominal).
Preamplifier
The operators A1 and A4 are wired with a non-inverting gain of respectively:
• A1# (R4/(R3+R17))
• A4# R6/R5
With the following values chosen:
• R4 = 22kΩ -R3= 50Ω -R17 = 1.2kΩ
• R6 = 47kΩ -R5= 1.2kΩ,
The gain of the preamplifier chain is therefore equal to 58dB.
Alternatively, the gain of A1 can be adjusted by choosing a JFET transistor Q1 instead of R17.
This JFET voltage controlled resistor arrangement forms an automatic level control (ALC)
circuit, useful in many microphone preamplifier applications. The mean rectified peak level of
the output signal envelope is used to control the preamplifier gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com