Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200BDS Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
45
Figure 35. Timing Diagram — SPI Slave Mode, Format 1 (CPHA = 1)
1.3.13
MSCAN
The CAN functions are available as RX and TX pins at normal IO pads (I2C1+GPTimer or PSC2). There is no filter for the
WakeUp dominant pulse. Any High-to-Low edge can cause WakeUp, if configured.
1.3.14
I2C
Table 40. I2C Input Timing Specifications—SCL and SDA
Sym
Description
Min
Max
Units
SpecID
1
Start condition hold time
2
—
IP-Bus Cycle(1)
1 Inter Peripheral Clock is defined in the MPC5200B User Manual.
A13.1
2
Clock low time
8
—
IP-Bus Cycle(1)
A13.2
4
Data hold time
0.0
—
ns
A13.3
6
Clock high time
4
—
IP-Bus Cycle(1)
A13.4
7
Data setup time
0.0
—
ns
A13.5
8
Start condition setup time (for repeated start condition
only)
2
—
IP-Bus Cycle(1)
A13.6
9
Stop condition setup time
2
—
IP-Bus Cycle(1)
A13.7
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Input
Input
Input
SS
Input
MISO
Output
1
22
7
8
3
4
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com