Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200BDS Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
57
Figure 48. Timing Diagram—JTAG Boundary Scan
Figure 49. Timing Diagram—Test Access Port
2
Package Description
2.1
Package Parameters
The MPC5200B uses a 27 mm x 27 mm TE-PBGA package. The package parameters are as provided in the following list:
•
Package outline: 27 mm x 27 mm
•
Interconnects: 2
•
Pitch: 1.27 mm
TCK
INPUT DATA VALID
OUTPUT DATA VALID
DATA INPUTS
DATA OUTPUTS
DATA OUTPUTS
6
7
8
9
Numbers shown reference Table 51.
TCK
INPUT DATA VALID
OUTPUT DATA VALID
TDI, TMS
TDO
TDO
10
11
12
13
Numbers shown reference Table 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com