Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634M Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
78
4.7
Power up/down sequencing
There is no power sequencing required among power sources during power up and power down, in order to operate within
specification but use of the following sequence is strongly recommended when the internal regulator is bypassed:
5V
 3.3 V and 1.2 V
This is also the normal sequence when the internal regulator is enabled.
Although there are no power up/down sequencing requirements to prevent issues like latch-up, excessive current spikes, etc.,
the state of the I/O pins during power up/down varies according to table Table 17 for all pins with fast pads and Table 18 for all
pins with medium, slow and multi-voltage pads.1
1.If an external 3.3 V external regulator is used to supply current to the 1.2 V pass transistor and this supply also sup-
plies current for the other 3.3 V supplies, then the 5V supply must always be greater than or equal to the external 3.3 V
supply.
Table 17. Power sequence pin states for fast pads
VDDE
VRC33
VDD
Fast (pad_fc)
LOW
X
X
LOW
VDDE
LOW
X
HIGH
VDDE
VRC33
LOW
HIGH IMPEDANCE
VDDE
VRC33
VDD
FUNCTIONAL
Table 18. Power sequence pin states for medium, slow and multi-voltage pads
VDDEH
VDD
Medium (pad_msr_hv)
Slow (pad_ssr_hv)
Multi-voltage (pad_multv_hv)
LOW
X
LOW
VDDEH
LOW
HIGH IMPEDANCE
VDDEH
VDD
FUNCTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com