Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634M Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
93
4.13
Platform flash controller electrical characteristics
4.14
Flash memory electrical characteristics
Table 27. APC, RWSC, WWSC settings vs. frequency of operation1
1 Illegal combinations exist, all entries must be taken from the same row
Target Max Frequency
(MHz)
APC2
2 APC must be equal to RWSC
RWSC2
WWSC
213
3 Maximum Frequency includes FM modulation
000
000
01
413
001
001
01
623
010
010
01
823
011
011
01
All
111
111
111
Table 28. Program and erase specifications
Symbol
Parameter
Min Value
Typical
Value1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program & erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Unit
Tdwprogram
P Double Word (64 bits) Program Time4
4 Actual hardware programming times. This does not include software overhead.
—
22
50
500
s
T16kpperase
P 16 KB Block Pre-program and Erase Time
—
300
500
5000
ms
T32kpperase
P 32 KB Block Pre-program and Erase Time
—
400
600
5000
ms
T64kpperase
P 64 KB Block Pre-program and Erase Time
—
600
900
5000
ms
T128kpperase
P 128 KB Block Pre-program and Erase Time
—
800
1300
7500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com