Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5632MMLL40 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL40 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL40 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
31
•
2 sources of the serialized data:
— eTPU_A and eMIOS output channels
— Memory-mapped register in the DSPI
•
Destinations for the deserialized data:
— eTPU_A and eMIOS input channels
— SIU External Interrupt Request inputs
— Memory-mapped register in the DSPI
•
Deserialized data is provided as Parallel Output signals and as bits in a memory-mapped register
•
Transfer initiation conditions:
— Continuous
— Edge sensitive hardware trigger
— Change in data
•
Pin serialization/deserialization with interleaved SPI frames for control and diagnostics
•
Continuous serial communications clock
•
Support for parallel and serial chaining of up to four DSPI blocks
2.3.16
eSCI
The enhanced serial communications interface (eSCI) allows asynchronous serial communications with peripheral devices and
other MCUs. It includes special support to interface to Local Interconnect Network (LIN) slave devices. The eSCI block
provides the following features:
•
Full-duplex operation
•
Standard mark/space non-return-to-zero (NRZ) format
•
13-bit baud rate selection
•
Programmable 8-bit or 9-bit, data format
•
Programmable 12-bit or 13-bit data format for Timed Serial Bus (TSB) configuration to support the Microsecond bus
standard
•
Automatic parity generation
•
LIN support
— Autonomous transmission of entire frames
— Configurable to support all revisions of the LIN standard
— Automatic parity bit generation
— Double stop bit after bit error
— 10- or 13-bit break support
•
Separately enabled transmitter and receiver
•
Programmable transmitter output parity
•
2 receiver wake up methods:
— Idle line wake-up
— Address mark wake-up
•
Interrupt-driven operation with flags
•
Receiver framing error detection
•
Hardware parity checking
•
1/16 bit-time noise detection
•
DMA support for both transmit and receive data
— Global error bit stored with receive data in system RAM to allow post processing of errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com