Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5632MMLL40 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL40 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL40 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
32
2.3.17
FlexCAN
The MPC5634M MCU contains two controller area network (FlexCAN) blocks. The FlexCAN module is a communication
controller implementing the CAN protocol according to Bosch Specification version 2.0B. The CAN protocol was designed to
be used primarily as a vehicle serial data bus, meeting the specific requirements of this field: real-time processing, reliable
operation in the EMI environment of a vehicle, cost-effectiveness and required bandwidth. FlexCAN module ‘A’ contains 64
message buffers (MB); FlexCAN module ‘C’ contains 32 message buffers.
The FlexCAN module provides the following features:
Based on and including all existing features of the Freescale TouCAN module
Full Implementation of the CAN protocol specification, Version 2.0B
— Standard data and remote frames
— Extended data and remote frames
— Zero to eight bytes data length
— Programmable bit rate up to 1 Mbit/s
Content-related addressing
64 / 32 message buffers of zero to eight bytes data length
Individual Rx Mask Register per message buffer
Each message buffer configurable as Rx or Tx, all supporting standard and extended messages
Includes 1056 / 544 bytes of embedded memory for message buffer storage
Includes a 256-byte and a 128-byte memories for storing individual Rx mask registers
Full featured Rx FIFO with storage capacity for six frames and internal pointer handling
Powerful Rx FIFO ID filtering, capable of matching incoming IDs against 8 extended, 16 standard or 32 partial (8 bits)
IDs, with individual masking capability
Selectable backwards compatibility with previous FlexCAN versions
Programmable clock source to the CAN Protocol Interface, either system clock or oscillator clock
Listen only mode capability
Programmable loop-back mode supporting self-test operation
3 programmable Mask Registers
Programmable transmit-first scheme: lowest ID, lowest buffer number or highest priority
Time Stamp based on 16-bit free-running timer
Global network time, synchronized by a specific message
Maskable interrupts
Warning interrupts when the Rx and Tx Error Counters reach 96
Independent of the transmission medium (an external transceiver is assumed)
Multi master concept
High immunity to EMI
Short latency time due to an arbitration scheme for high-priority messages
Low power mode, with programmable wake-up on bus activity
2.3.18
System timers
The system timers provide two distinct types of system timer:
Periodic interrupts/triggers using the Peripheral Interrupt Timer (PIT)
Operating system task monitors using the System Timer Module (STM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com