Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EVRGDFA Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRGDFA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRGDFA Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRGDFA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313EVRGDFA Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
70
Freescale Semiconductor
Package and Pin Listings
TMS
E4
I
NVDD
4
TRST
E5
I
NVDD
4
TEST
TEST_MODE
F4
I
NVDD
6
DEBUG
QUIESCE
F5
O
NVDD
System Control
HRESET
F2
IO
NVDD
1
PORESET
F3
I
NVDD
SRESET
F1
I
NVDD
Clocks
SYS_CR_CLK_IN
U26
I
NVDD
SYS_CR_CLK_OUT
U25
O
NVDD
SYS_CLK_IN
U23
I
NVDD
USB_CR_CLK_IN
T26
I
NVDD
USB_CR_CLK_OUT
R26
O
NVDD
USB_CLK_IN
T22
I
NVDD
PCI_SYNC_OUT
U24
O
NVDD
3
RTC_PIT_CLOCK
R22
I
NVDD
PCI_SYNC_IN
T24
I
NVDD
MISC
THERM0
N1
I
NVDD
7
THERM1
N3
I
NVDD
7
PCI
PCI_INTA
AF7
O
NVDD
PCI_RESET_OUT
AB11
O
NVDD
PCI_AD0
AB20
IO
NVDD
PCI_AD1
AF23
IO
NVDD
PCI_AD2
AF22
IO
NVDD
PCI_AD3
AB19
IO
NVDD
PCI_AD4
AE22
IO
NVDD
PCI_AD5
AF21
IO
NVDD
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com