Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8641D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC
Series, Rev. 0
2
Freescale Semiconductor
General Parameters
Part numbers addressed in this document are listed in Table A.
2
General Parameters
This section summarizes changes to the general parameters of the MPC8641 described in the MPC8641
and MPC8641D Integrated Host Processor Hardware Specifications.
•
Modified JTAG AC timing
—tJTDVKH (min) = 15 ns
•
Extended junction temperature range
—TJ = –40 to 105 °C
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD_Coren
Tj
(
°C)
MC8641DTHX1333JC
1333
1.05 V ± 50 mV
–40 to 105
Modified JTAG AC timing; extended junction
temperature range.
MC8641DTHX1250HC
1250
1.05 V ± 50 mV
MC8641DTHX1000NC
1000
0.95 V ± 50 mV
MC8641DTHX1000GC
1000
1.05 V ± 50 mV
MC8641THX1333JC
1333
1.05 V ± 50 mV
MC8641THX1250HC
1250
1.05 V ± 50 mV
MC8641THX1000NC
1000
0.95 V ± 50 mV
MC8641THX1000GC
1000
1.05 V ± 50 mV
MC8641DTVU1333JC
1333
1.05 V ± 50 mV
MC8641DTVU1250HC
1250
1.05 V ± 50 mV
MC8641DTVU1000NC
1000
0.95 V ± 50 mV
MC8641DTVU1000GC
1000
1.05 V ± 50 mV
MC8641TVU1333JC
1333
1.05 V ± 50 mV
MC8641TVU1250HC
1250
1.05 V ± 50 mV
MC8641TVU1000NC
1000
0.95 V ± 50 mV
MC8641TVU1000GC
1000
1.05 V ± 50 mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com