Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313CVRAFDA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFDA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8313CVRAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313CVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
4
Freescale Semiconductor
Overview
1.6
USB Dual-Role Controller
The MPC8313E USB controller includes the following features:
•
Supports USB on-the-go mode, which includes both device and host functionality, when using an
external ULPI (UTMI + low-pin interface) PHY
•
Compatible with Universal Serial Bus Specification, Rev. 2.0
•
Supports operation as a stand-alone USB device
— Supports one upstream facing port
— Supports three programmable USB endpoints
•
Supports operation as a stand-alone USB host controller
— Supports USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI) compatible
•
Supports full-speed (12 Mbps), and low-speed (1.5 Mbps) operation. Low-speed operation is
supported only in host mode.
•
Supports UTMI + low pin interface (ULPI) or on-chip USB 2.0 full-speed PHY
1.7
Dual Enhanced Three-Speed Ethernet Controllers (eTSECs)
The MPC8313E eTSECs include the following features:
•
Two RGMII/SGMII/MII/RMII/RTBI interfaces
•
Two controllers designed to comply with IEEE Std 802.3®, 802.3u®, 802.3x®, 802.3z®,
802.3au®, and 802.3ab®
•
Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating
mode
•
MII management interface for external PHY control and status
•
Three-speed support (10/100/1000 Mbps)
•
On-chip high-speed serial interface to external SGMII PHY interface
•
Support for IEEE Std 1588™
•
Support for two full-duplex FIFO interface modes
•
Multiple PHY interface configuration
•
TCP/IP acceleration and QoS features available
•
IP v4 and IP v6 header recognition on receive
•
IP v4 header checksum verification and generation
•
TCP and UDP checksum verification and generation
•
Per-packet configurable acceleration
•
Recognition of VLAN, stacked (queue in queue) VLAN, IEEE Std 802.2®, PPPoE session, MPLS
stacks, and ESP/AH IP-security headers
•
Transmission from up to eight physical queues.
•
Reception to up to eight physical queues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com