Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EVRAFDA Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
95
Document Revision History
1
3/2008
• Replaced OVDD with NVDD everywhere
• Added XCOREVDD and XPADVDD to Table 1
• Moved VDD and VDDC to the top of the table before SerDes supplies in Table 2
• In Table 2 split DDR row into two from total current requirement of 425 mA. One for DDR1 (131 mA)
and other for DDR2 (140 mA).
• In Table 2 corrected current requirement numbers for NVDD from 27 mA to 74 mA, LVDD from 60 mA
to 16 mA, LVDDA from 85 mA to 22 mA and LVDDB from 85 mA to 44 mA.
• In Table 2 corrected Vdd and Vddc current requirements from 560 mA and 454 mA to 469 and
377 mA, respectively. Corrected Avdd1 and Avdd2 current requirements from 10 mA to 2–3 mA, and
XCOREVDD from 100 mA to 170 mA.
• In Table 2, added row stating junction temperature range of 0 to 105•C. Added footnote 2 stating
C. Added footnote 2 stating
GPIO pins may operate from 2.5-V supply as well when configured for different functionality.
• In Section 2.1.2, “Power Supply Voltage Specification,” added a note describing the purpose of
Table 2.
• In Section 3, “Power Characteristics,” added a note describing the purpose of Table 5.
• Rewrote Section 2.2, “Power Sequencing,” and added Figure 3.
• In Table 4, added “but do include core, USB PLL, and a portion of SerDes digital power...” to Note 1.
• In Table 4 corrected “Typical power” to “Maximum power” in note 2 and added a note for Typical
Power.
• In Table 4 removed 266-MHz row as 266-MHz core parts are not offered.
• In Table 5, moved Local bus typical power dissipation under LVdd.
• Added Table 6 to show the low power mode power dissipation for D3warm mode.
• In Table 8 corrected SYS_CLK_IN frequency range from 25–66 MHz to 24–66.67 MHz.
• Added Section 8.4, “eTSEC IEEE 1588 AC Specifications”
• In Table 42 changed minimum value of USB input hold tUSIXKH from 0 to 1ns
• Added Table 43 and Table 44 showing USB clock in specifications
• In Table 46, added rows for tLALEHOV, tLALETOT1, tLALETOT2, and tLALETOT3 parameters. Added
Figure 40.
• In Table 50, removed row for rise time (tI2CR). Removed minimum value of tI2CF. Added note 5 stating
that the device does not follow the I2C-BUS Specifications version 2.1 regarding the tI2CF AC
parameter.
• In Table 56, added a note stating: “This specification only applies to GPIO pins that are operating
from a 3.3-V supply. See Table 63 for the power supply listed for the individual GPIO signal.” [
• Added Table 57 to show DC characteristics for GPIO pins supplied by a 2.5-V supply. Same as
eTSEC DC characteristics when operating at 2.5 V.
• In Section 20, “Clocking,” corrected the sentence “When the device is configured as a PCI agent
device, PCI_SYNC_IN is the primary input clock.” to state “When the device is configured as a PCI
agent device, PCI_CLK is the primary input clock.”
• Added “Value is decided by RCWLR[COREPLL]” to note 1 of Figure 57
• Added paragraph and Figure 59 to Section 22.2, “PLL Power Supply Filtering.”
• Added Section 22.4, “SerDes Block Power Supply Decoupling Recommendations
• Removed the two figures on PCI undershoot/overshoot voltages and maximum AC waveforms from
Section 2.1.2, “Power Supply Voltage Specification,”
Table 73. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com