Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR03XEP Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPR03XEP Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MPR03X
Sensors
24
Freescale Semiconductor
Preliminary
Appendix A
Electrical Characteristics
A.1
Introduction
This section contains electrical and timing specifications.
A.2
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the
limits specified in Table 19 may affect device reliability or cause permanent damage to the device. For functional operating
conditions, refer to the remaining tables in this section. This device contains circuitry protecting against damage due to high static
voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher
than maximum-rated voltages to this high-impedance circuit.
A.3
ESD and Latch-up Protection Characteristics
Normal handling precautions should be used to avoid exposure to static discharge.
Qualification tests are performed to ensure that these devices can withstand exposure to reasonable levels of static without
suffering any permanent damage. During the device qualification ESD stresses were performed for the Human Body Model
(HBM), the Machine Model (MM) and the Charge Device Model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete
DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Table 19. Absolute Maximum Ratings - Voltage (with respect to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
-0.3 to +2.9
V
Input Voltage
SCL, SDA, IRQ
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature Range
TSG
-40 to +85
°C
Storage Temperature Range
TSG
-40 to +125
°C
Table 20. ESD and Latch-up Test Conditions
Rating
Symbol
Value
Unit
Human Body Model (HBM)
VESD
±4000
V
Machine Model (MM)
VESD
±200
V
Charge Device Model (CDM)
VESD
±500
V
Latch-up current at TA = 85°C
ILATCH
±100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com