Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR03XEP Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPR03XEP
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03XEP Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPR03XEP Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR03XEP Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
25
Preliminary
A.4
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
1. Parameters tested 100% at final test at room temperature; limits at -40°C and +85°C verified by characterization, not tested in production
2. Limits verified by characterization, not tested in production
A.5
AC Characteristics
1. Parameters tested 100% at final test at room temperature; limits at -40°C and +70°C verified by characterization, not tested in production
2. Limits verified by characterization, not tested in production.
Table 21. DC Characteristics (Temperature Range = –40°C to 85°C Ambient)
(Typical Operating Circuit,
VDD = 1.71 V to 2.75 V, TA = TMIN to TMAX, unless otherwise noted. Typical current values are at
VDD = 1.8 V, TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
VDD
1.71
1.8
2.75
V
1
Average Supply Current
IDD
Run1 Mode @ 1 ms sample period
43
57.5
µA
2
Average Supply Current
IDD
Run1 Mode @ 2 ms sample period
22
32
µA
2
Average Supply Current
IDD
Run1 Mode @ 4 ms sample period
14
19.4
µA
2
Average Supply Current
IDD
Run1 Mode @ 8 ms sample period
8
13.3
µA
2
Average Supply Current
IDD
Run1 Mode @ 16 ms sample period
6
10.1
µA
2
Average Supply Current
IDD
Run1 Mode @ 32 ms sample period
58.6
µA
2
Average Supply Current
IDD
Run1 Mode @ 64 ms sample period
47.8
µA
2
Average Supply Current
IDD
Run1 Mode @ 128 ms sample
period
47.5
µA
2
Measurement Supply Current
IDD
Peak of measurement duty cycle
1.25
1.5
mA
2
Idle Supply Current
IDD
Stop Mode
1.5
4
µA
1
Electrode Charge Current
Accuracy
ELE_
Relative to nominal values programmed
in Register 0x41
-6
+6
%
1
Electrode Input Working Range
ELE_
Electrode charge current accuracy
within specification
0.7
VDD - 0.7
V
1
Input Leakage Current ELE_
IIH, IIL
0.025
1
µA
1
Input Capacitance ELE_
15
pF
2
Input High Voltage SDA, SCL
VIH
0.7 x VDD
V
2
Input Low Voltage SDA, SCL
VIL
0.3 x VDD
V
2
Input Leakage Current
SDA, SCL
IIH, IIL
0.025
1
µA
2
Input Capacitance
SDA, SCL
7pF
2
Output Low Voltage
SDA, IRQ
VOL
IOL = 6mA
0.5V
V
1
Power On Reset
VTLH
VDD rising
1.08
1.35
1.62
V
2
VTHL
VDD falling
0.88
1.15
1.42
V
2
Table 22. AC CHARACTERISTICS
(Typical Operating Circuit, VDD = 1.71V to 2.75V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 1.8V,
TA = +25°C.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
8 MHz Internal Oscillator
fH
7.44
8
8.56
MHz
1
32 kHz Internal Oscillator
fL
20.8
32
43.2
kHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com