Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5565 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 2.0
Revision History for the MPC5565 Data Sheet
Freescale Semiconductor
50
The following table lists the information that changed in the tables between Rev. 1.0 and 2.0.
Section 4.1, “MPC5565 324 PBGA Pinouts”
Added the following NOTE before the 324 BGA Map:
NOTE
The MPC5500 devices are pin compatible for software portability and use the primary
function names to label the pins in the BGA diagram. Although some devices do not support
all the primary functions shown in the BGA diagram, the muxed and GPIO signals on those
pins remain available. See the signals chapter in the device reference manual for the signal
muxing.
Table 29. MPC5565 Changes Between Rev. 1.0 and 2.0
Location
Description of Changes
Table 2 Absolute Maximum Ratings:
• Added footnote 7 to Spec 12 ‘Internal structures hold the input voltage less than the maximum voltage on all pads
powered by VDDE supplies, if the maximum injection current specification is met (2 mA for all pins) and VDDE is
within the operating voltage specifications.’
Table 4 EMI Testing Specifications:
• Table Title: Footnote 1: Deleted the last sentence: “The values in this specification reflect EMI performance with
frequency modulation (FM) turned off. For better EMI performance, enable FM.’
Table 5 ESD Ratings:
Changed footnote 2 from:
• ‘Device failure is defined as: ‘If after exposure to ESD pulses, the device no longer meets the device specification
requirements. Complete DC parametric and functional testing will be performed per applicable device
specification at room temperature followed by hot temperature, unless specified otherwise in the device
specification.’
to:
• Device failure is defined as: ‘If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.
Table 6 VCR/POR Electrical Specifications:
• Added footnote 1 to specs 1, 2, and 3 that reads: The internal POR signals are VPOR15, VPOR33, and VPOR5.
On power up, assert RESET before the internal POR negates. RESET must remain asserted until the power
supplies are within the operating conditions as specified in Table 9 DC Electrical Specifications. On power down,
assert RESET before any power supplies fall outside the operating conditions and until the internal POR asserts.
• Reformatted columns.
Table 9 DC Electrical Specifications:
• Added (TA = TL to TH) to the table title.
• Added footnote that reads: VDDE2 and VDDE3 are limited to 2.25–3.6 V only if SIU_ECCR[EBTS] = 0; VDDE2 and
VDDE3 have a range of 1.6–3.6 V if SIU_ECCR[EBTS] =1.
Table 28. Text Changes Between Rev. 1.0 and 2.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com