Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5565 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
Revision History for the MPC5565 Data Sheet
MPC5565 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
51
Table 17 Pad AC Specifications:
• Footnote 1, Changed ‘VDDEH = 4.5–5.5;’ to ‘VDDEH = 4.5–5.25;’
• Footnote 3, Changed from ‘Out delay. . .’ to ‘The output delay. . .’,
• Changed from ‘ Add a maximum of one system clock to the output delay to get the output delay with respect to
the system clock‘ to ‘To calculate the output delay with respect to the system clock, add a maximum of one system
clock to the output delay.’
• Footnote 4: Changed ‘Delay’ to ‘The output delay.’
Table 19 Reset and Configuration Pin Timing
• Footnote 1: Removed VDD =1.35–1.65.
Table 20 JTAG Pin AC Electrical Characteristics
• Footnote 1: Removed VDD =1.35–1.65; and VDD33 and VDDSYN = 3.0–3.6 V.
Table 22 Bus Operation Timing:
• Specifications 5 and 6. Changed EBTS to SIU_ECCR[EBTS].
• Specifications 7 and 8: Removed CS[0:3], BDIP, OE, and WE/BE[0:3] because these pins are not used on the
input signal to CLKOUT.
• Specification 7: Removed CAL_CS[0, 2:3], CAL_OE, and CAL_WE/BE[0:1] because these pins are not used on
the input signal to CLKOUT.
• Specification 8: Added to the beginning of the calibration section: CLKOUT positive edge to input signal invalid
(hold time). Removed CAL_CS[0, 2:3], CAL_OE, and CAL_WE/BE[0:1] because these pins are not used on the
input signal to CLKOUT.
• Footnote 1: Deleted VDD = 1.35–1.65; and VDD33 and VDDSYN = 3.0–3.6 V.
• Added footnote 2: “Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed
including frequency modulation (FM). 82 MHz parts allow for 80 MHz system clock + 2% FM; 114 MHz parts allow
for 112 MHz system clock + 2% FM; and 135 MHz parts allow for 132 MHz system clock + 2% FM.’
• Added footnotes 5, 6, and 7, one each for the DATA[0:31], TEA, and WE/BE[0:3] signals in the table: Due to pin
limitations, the DATA[16:31], TEA, and WE/BE[2:3] signals are not available on the 324 package.
• Footnote 8: Changed EBTS to SIU_ECCR[EBTS].
Table 23 External Interrupt Timing (IRQ Signals)
• Footnote 1: Removed VDD = 1.35–1.65 V; changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 24 eTPU Timing
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 25 eMIOS Timing
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 26 DSPI Timing:
• Specification 1: SCK cycle time. Changed 80 MHz column, Min.: from 25 to 24.4; 112 MHz columns, Min.: from
17.9 to 17.5, Max: from 2.0 to 2.1; 132 MHz columns, Min.: from 15.2 to 14.8, Max: from 1.7 to 1.8.
• Footnote 1, changed ‘VDDEH = 3.0–5.5 V;’ to ‘VDDEH = 3.0–5.25 V;’
• Table Title: Added footnote that reads: Speed is the nominal maximum frequency. Max speed is the maximum
speed allowed including frequency modulation (FM). 82 MHz parts allow for 80 MHz system clock + 2% FM;
114 MHz parts allow for 112 MHz system clock + 2% FM, 135 MHz parts allow for 132 MHz system clock + 2%
FM.
Table 27 EQADC SSI Timing Characteristics
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 29. MPC5565 Changes Between Rev. 1.0 and 2.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com