Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313EVRGDFB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRGDFB
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRGDFB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8313EVRGDFB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313EVRGDFB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
© Freescale Semiconductor, Inc., 2007, 2008. All rights reserved.
Freescale Semiconductor
Technical Data
This document provides an overview of the MPC8313E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
MPC8313E is a cost-effective, low-power, highly integrated
host processor that addresses the requirements of several
printing and imaging, consumer, and industrial applications,
including main CPUs and I/O processors in printing systems,
networking switches and line cards, wireless LANs
(WLANs), network access servers (NAS), VPN routers,
intelligent NIC, and industrial controllers. The MPC8313E
extends the PowerQUICC™ family, adding higher CPU
performance, additional functionality, and faster interfaces
while addressing the requirements related to time-to-market,
price, power consumption, and package size.
NOTE
The information in this document is accurate for
revisions 1.0, 2.x, and later. See Section 24.1, “Part
Numbers Fully Addressed by this Document.”
Document Number: MPC8313EEC
Rev. 2.1, 12/2008
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 6
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 10
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 13
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 14
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8. Ethernet: Three-Speed Ethernet, MII Management . 21
9. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 36
10. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
11. Enhanced Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . 47
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
15. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
16. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
17. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
18. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
19. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 63
20. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
21. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
22. System Design Information . . . . . . . . . . . . . . . . . . . 88
23. Document Revision History . . . . . . . . . . . . . . . . . . . 94
24. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 97
MPC8313E
PowerQUICC™ II Pro Processor
Hardware Specifications


Similar Part No. - MPC8313EVRGDFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313EVRAFF FREESCALE-MPC8313EVRAFF Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8313EVRGDFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E_08 Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com