Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1505CBS Datasheet(PDF) 29 Page - NXP Semiconductors

Part # ISP1505CBS
Description  ULPI Hi-Speed USB host and peripheral transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1505CBS Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button ISP1505CBS Datasheet HTML 25Page - NXP Semiconductors ISP1505CBS Datasheet HTML 26Page - NXP Semiconductors ISP1505CBS Datasheet HTML 27Page - NXP Semiconductors ISP1505CBS Datasheet HTML 28Page - NXP Semiconductors ISP1505CBS Datasheet HTML 29Page - NXP Semiconductors ISP1505CBS Datasheet HTML 30Page - NXP Semiconductors ISP1505CBS Datasheet HTML 31Page - NXP Semiconductors ISP1505CBS Datasheet HTML 32Page - NXP Semiconductors ISP1505CBS Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
ISP1505A_ISP1505C_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 26 August 2008
28 of 75
NXP Semiconductors
ISP1505A; ISP1505C
ULPI HS USB host and peripheral transceiver
than 7 ms after reset time T0. If the peripheral is in low-power mode, it must wake
up its clock within 5.6 ms, leaving 200
µs for the link to start transmitting the
Chirp K, and 1.2 ms for the Chirp K to complete (worst case with 10 % slow clock).
b. Host chirp: If the host does not detect the peripheral chirp, it must continue
asserting SE0 until the end of reset. If the host detects the peripheral Chirp K for
no less than 2.5
µs, then no more than 100 µs after the bus leaves the Chirp K
state, the host sends a TXCMD (NOPID) with an alternating sequence of Chirp Ks
and Js. Each Chirp K or Chirp J must last for no less than 40
µs and no longer than
60
µs.
c. High-speed idle: The peripheral must detect a minimum of Chirp K-J-K-J-K-J. Each
Chirp K and Chirp J must be detected for at least 2.5
µs. After seeing that
minimum sequence, the peripheral sets TERMSELECT = 0b and
OPMODE[1:0] = 00b. The peripheral is now in high-speed mode and sees !squelch
(01b on LINESTATE). When the peripheral sees squelch (10b on LINESTATE), it
knows that the host has completed chirp and waits for Hi-Speed USB traffic to
begin. After transmitting the chirp sequence, the host changes OPMODE[1:0] to
00b and begins sending USB packets.
For more information, refer to
UTMI+ Low Pin Interface (ULPI) Specification Rev. 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com